Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM5246B Datasheet (PDF) - Diotech Company.

ZMM5246B Datasheet PDF - Diotech Company.
Part # ZMM5246B
Download  ZMM5246B Download
File Size   1598.55 Kbytes
Page   3 Pages
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.
Description 500mW SUFACE MOUNT ZENER DIODE

ZMM5246B Datasheet (PDF)

Go To PDF Page Download Datasheet
ZMM5246B Datasheet PDF - Diotech Company.

Part # ZMM5246B
Download  ZMM5246B Click to download

File Size   1598.55 Kbytes
Page   3 Pages
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.
Description 500mW SUFACE MOUNT ZENER DIODE

ZMM5246B Datasheet (HTML) - Diotech Company.


ZMM5246B Product details

FEATURES

• Planar Die construction

• 500mW Power Dissipation

• Ideally Suited for Automated Assembly Processes

• Both normal and Pb free product are available :

   Normal : 80~95% Sn, 5~20% Pb

   Pb free: 98.5% Sn above



 




Similar Part No. - ZMM5246B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ZMM5246B RECTRON-ZMM5246B Datasheet
23Kb / 2P
500mW 5% mini-M.E.L.F ZENER DIODE
logo
Jinan Gude Electronic D...
ZMM5246B JGD-ZMM5246B Datasheet
198Kb / 2P
SURFACE MOUNT ZENER DIODES/MINI MELF
logo
Diodes Incorporated
ZMM5246B DIODES-ZMM5246B Datasheet
80Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS30024 Rev. C-2
logo
Weitron Technology
ZMM5246B WEITRON-ZMM5246B Datasheet
575Kb / 4P
Surface Mount Zener Diodes
logo
Pan Jit International I...
ZMM5246B PANJIT-ZMM5246B Datasheet
61Kb / 3P
SURFACE MOUNT ZENER DIODES
More results


Similar Description - ZMM5246B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B_1 Datasheet
99Kb / 4P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 18 - 2
logo
Diotech Company.
GLZ2 DIOTECH-GLZ2 Datasheet
1Mb / 4P
500mW SUFACE MOUNT ZENER DIODE
ZMM55-C2V4 DIOTECH-ZMM55-C2V4 Datasheet
1Mb / 3P
500mW SUFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B_09 Datasheet
92Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 23 - 2
MMSZ5263B DIODES-MMSZ5263B Datasheet
86Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS31652 Rev. 4 - 2
MMSZ5221B DIODES-MMSZ5221B_15 Datasheet
106Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
Rev 27
logo
Diotech Company.
ZMM55C2V4 DIOTECH-ZMM55C2V4 Datasheet
1Mb / 3P
500mW SUFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
BZT52C12 WTE-BZT52C12 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
MMSZ4682 WTE-MMSZ4682 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
MMSZ4706 WTE-MMSZ4706 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com