Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6350 Datasheet (PDF) - Sensitron

1N6350 Datasheet PDF - Sensitron
Part # 1N6350
Download  1N6350 Download
File Size   127.68 Kbytes
Page   4 Pages
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron
Description ZENER 500mW VOLTAGE REGULATOR

1N6350 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N6350 Datasheet PDF - Sensitron

Part # 1N6350
Download  1N6350 Click to download

File Size   127.68 Kbytes
Page   4 Pages
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron
Description ZENER 500mW VOLTAGE REGULATOR

1N6350 Datasheet (HTML) - Sensitron


1N6350 Product details

ZENER 500mW VOLTAGE REGULATOR



PACKAGE STYLE: Zener 500mW (Suffix “US” denotes melf/surface mount packaging)

-All ratings are @ Tc = 25 °C unless otherwise specified.

-Operating -55 °C to +175 °C and storage -65 °C to +175 °C




Similar Part No. - 1N6350

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6350 MICROSEMI-1N6350 Datasheet
96Kb / 2P
500 mW GLASS ZENER DIODES
logo
New Jersey Semi-Conduct...
1N6350 NJSEMI-1N6350 Datasheet
255Kb / 1P
1/2 WATT ZENER DIODES , DO-35 HARD GLASS PACKAGE
logo
Digitron Semiconductors
1N6350 DIGITRON-1N6350 Datasheet
268Kb / 3P
500 mW GLASS ZENER DIODES
logo
Microsemi Corporation
1N6350 MICROSEMI-1N6350 Datasheet
481Kb / 6P
VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
1N6350C MICROSEMI-1N6350C Datasheet
481Kb / 6P
VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
More results


Similar Description - 1N6350

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6320 MICROSEMI-1N6320 Datasheet
132Kb / 2P
500mW ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX55C TSC-BZX55C Datasheet
73Kb / 3P
500mW Zener Diode
BZV79C2V0 TSC-BZV79C2V0 Datasheet
138Kb / 2P
500mW Surface Mount Zener Voltage Regulator
logo
Seme LAB
1N750AD1A SEME-LAB-1N750AD1A Datasheet
569Kb / 3P
500mW ZENER DIODE
logo
Microsemi Corporation
1N5518BUR MICROSEMI-1N5518BUR_08 Datasheet
123Kb / 2P
ZENER DIODE, 500mW
logo
Taiwan Semiconductor Co...
BZV79C2V4 TSC-BZV79C2V4 Datasheet
152Kb / 2P
500mW Surface Mount Zener Voltage Regulator
logo
Seme LAB
1N5221-LCC3 SEME-LAB-1N5221-LCC3 Datasheet
80Kb / 2P
500mW ZENER VOLTAGE REGULATOR
logo
Zibo Seno Electronic En...
BZX55C ZSELEC-BZX55C Datasheet
48Kb / 3P
500mW ZENER DIODE
logo
TT Electronics.
1N6309BD2A TTELEC-1N6309BD2A Datasheet
182Kb / 4P
500mW ZENER DIODES
logo
AiT Semiconductor Inc.
BZT52C2V0 AITSEMI-BZT52C2V0 Datasheet
405Kb / 6P
ZENER DIODE 500mW, ZENER VOLTAGE 2.0V TO 75V
REV2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com