Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC1850 Datasheet (PDF) - NXP Semiconductors

LPC1850 Datasheet PDF - NXP Semiconductors
Part # LPC1850
Download  LPC1850 Download
File Size   550.92 Kbytes
Page   84 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD

LPC1850 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC1850 Datasheet PDF - NXP Semiconductors

Part # LPC1850
Download  LPC1850 Click to download

File Size   550.92 Kbytes
Page   84 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD

LPC1850 Datasheet (HTML) - NXP Semiconductors


LPC1850 Product details

General description
The LPC1850/30/20/10 are ARM Cortex-M3 based microcontrollers for embedded applications. The ARM Cortex-M3 is a next generation core that offers system enhancements such as low power consumption, enhanced debug features, and a high level of support block integration.
The LPC1850/30/20/10 operate at CPU frequencies of up to 180 MHz. The ARM Cortex-M3 CPU incorporates a 3-stage pipeline and uses a Harvard architecture with separate local instruction and data buses as well as a third bus for peripherals. The ARM Cortex-M3 CPU also includes an internal prefetch unit that supports speculative branching.
The LPC1850/30/20/10 include up to 200 kB of on-chip SRAM, a quad SPI Flash Interface (SPIFI), a State Configurable Timer (SCT) subsystem, two High-speed USB controllers, Ethernet, LCD, an external memory controller, and multiple digital and analog peripherals.

Features and benefits
■ Processor core
   ◆ ARM Cortex-M3 processor, running at frequencies of up to 180 MHz.
   ◆ ARM Cortex-M3 built-in Memory Protection Unit (MPU) supporting eight regions.
   ◆ ARM Cortex-M3 built-in Nested Vectored Interrupt Controller (NVIC).
   ◆ Non-maskable Interrupt (NMI) input.
   ◆ JTAG and Serial Wire Debug, serial trace, eight breakpoints, and four watch points.
   ◆ Enhanced Trace Module (ETM) and Enhanced Trace Buffer (ETB) support.
   ◆ System tick timer.
■ On-chip memory
   ◆ 200 kB SRAM for code and data use.
   ◆ Multiple SRAM blocks with separate bus access.
   ◆ 64 kB ROM containing boot code and on-chip software drivers.
   ◆ 32-bit One-Time Programmable (OTP) memory for general-purpose use.
■ Clock generation unit
   ◆ Crystal oscillator with an operating range of 1 MHz to 25 MHz.
   ◆ 12 MHz internal RC oscillator trimmed to 1 % accuracy over temperature and
      voltage.
   ◆ Ultra-low power RTC crystal oscillator.
   ◆ Three PLLs allow CPU operation up to the maximum CPU rate without the need for
      a high-frequency crystal. The second PLL is dedicated to the High-speed USB, the
      third PLL can be used as audio PLL.
   ◆ Clock output.
■ Configurable digital peripherals:
   ◆ State Configurable Timer (SCT) subsystem on AHB.
   ◆ Global Input Multiplexer Array (GIMA) allows to cross-connect multiple inputs and
      outputs to event driven peripherals like timers, SCT, and ADC0/1.
■ Serial interfaces:
   ◆ Quad SPI Flash Interface (SPIFI) with 1-, 2-, or 4-bit data at rates of up to
      52 MB per second.
   ◆ 10/100T Ethernet MAC with RMII and MII interfaces and DMA support for high
      throughput at low CPU load. Support for IEEE 1588 time stamping/advanced time
      stamping (IEEE 1588-2008 v2).
   ◆ One High-speed USB 2.0 Host/Device/OTG interface with DMA support and
      on-chip high-speed PHY (USB0).
   ◆ One High-speed USB 2.0 Host/Device interface with DMA support, on-chip
      full-speed PHY and ULPI interface to an external high-speed PHY (USB1).
   ◆ USB interface electrical test software included in ROM USB stack.
   ◆ Four 550 UARTs with DMA support: one UART with full modem interface; one
      UART with IrDA interface; three USARTs support UART synchronous mode and a
      smart card interface conforming to ISO7816 specification.
   ◆ Up to two C_CAN 2.0B controllers with one channel each. Use of C_CAN controller
      excludes operation of all other peripherals connected to the same bus bridge See
      Figure 1 and Ref. 1.
   ◆ Two SSP controllers with FIFO and multi-protocol support. Both SSPs with DMA
      support.
   ◆ One Fast-mode Plus I2C-bus interface with monitor mode and with open-drain I/O
      pins conforming to the full I2C-bus specification. Supports data rates of up to
      1 Mbit/s.
   ◆ One standard I2C-bus interface with monitor mode and standard I/O pins.
   ◆ Two I2S interfaces with DMA support, each with one input and one output. (Continue ...)




Similar Part No. - LPC1850

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1850 NXP-LPC1850 Datasheet
661Kb / 2P
Fastest Cortex-M3 MCU, Largest SRAM, High Speed USB
June 2011
LPC1850 NXP-LPC1850 Datasheet
1Mb / 142P
32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 2.2-9 September 2011
LPC1850 PHILIPS-LPC1850 Datasheet
2Mb / 157P
32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 3-6 December 2011
LPC1850 NXP-LPC1850 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
LPC1850FBD208 NXP-LPC1850FBD208 Datasheet
2Mb / 149P
32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 6.1-7 February 2013
More results


Similar Description - LPC1850

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1850_1109 NXP-LPC1850_1109 Datasheet
1Mb / 142P
32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 2.2-9 September 2011
LPC1850_1112 PHILIPS-LPC1850_1112 Datasheet
2Mb / 157P
32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 3-6 December 2011
LPC1311 NXP-LPC1311_12 Datasheet
1Mb / 74P
32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 5-6 June 2012
LPC1850 NXP-LPC1850_13 Datasheet
2Mb / 149P
32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 6.1-7 February 2013
LPC18S5X PHILIPS-LPC18S5X_15 Datasheet
2Mb / 152P
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1-24 February 2015
LPC4367JET100E NXP-LPC4367JET100E Datasheet
2Mb / 156P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.2-14 March 2016
LPC185X NXP-LPC185X Datasheet
2Mb / 155P
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 5.2-8 March 2016
LPC435X NXP-LPC435X Datasheet
7Mb / 162P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
LPC18S5X NXP-LPC18S5X Datasheet
2Mb / 152P
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.3-10 January 2020
LPC436X NXP-LPC436X Datasheet
6Mb / 156P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.3-10 January 2020
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com