Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZM4760A Datasheet (PDF) - EIC discrete Semiconductors

ZM4760A Datasheet PDF - EIC discrete Semiconductors
Part # ZM4760A
Download  ZM4760A Download
File Size   38.09 Kbytes
Page   2 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description ZENER DIODES

ZM4760A Datasheet (PDF)

Go To PDF Page Download Datasheet
ZM4760A Datasheet PDF - EIC discrete Semiconductors

Part # ZM4760A
Download  ZM4760A Click to download

File Size   38.09 Kbytes
Page   2 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description ZENER DIODES

ZM4760A Datasheet (HTML) - EIC discrete Semiconductors


ZM4760A Product details

VZ : 3.3 to 100V
PD : 1W

FEATURES :
• Silicon planar power zener diodes
• For use in stabilizing and clipping circuits with higher power rating.
• Standard zener voltage tolerance is ± 5%.
• Other zener voltages and tolerances are available upon request.
• These diodes are also available in the DO-41
   case with type designation 1N4728A ... 1N4764A
• Pb / RoHS Free




Similar Part No. - ZM4760A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZM4760A DIODES-ZM4760A Datasheet
64Kb / 3P
1.0W SURFACE MOUNT ZENER DIODE
DS18009 Rev. 3 - 3
logo
TAITRON Components Inco...
ZM4760A TAITRON-ZM4760A Datasheet
201Kb / 4P
Surface Mount 1W Zener Diodes
logo
Vishay Siliconix
ZM4760A VISHAY-ZM4760A Datasheet
104Kb / 5P
Zener Diodes
12-Dec-05
logo
SynSemi, Inc.
ZM4760A SYNSEMI-ZM4760A Datasheet
39Kb / 2P
ZENER DIODES
logo
Diotech Company.
ZM4760A DIOTECH-ZM4760A Datasheet
901Kb / 3P
1W EPITAXIAL ZENER DIODE
More results


Similar Description - ZM4760A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com