Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC848C Datasheet (PDF) - Shenzhen Ping Sheng Electronics Co., Ltd.

BC848C Datasheet PDF - Shenzhen Ping Sheng Electronics Co., Ltd.
Part # BC848C
Download  BC848C Download
File Size   210.45 Kbytes
Page   4 Pages
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.
Description NPN general purpose Transistor

BC848C Datasheet (PDF)

Go To PDF Page Download Datasheet
BC848C Datasheet PDF - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # BC848C
Download  BC848C Click to download

File Size   210.45 Kbytes
Page   4 Pages
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.
Description NPN general purpose Transistor

BC848C Datasheet (HTML) - Shenzhen Ping Sheng Electronics Co., Ltd.


BC848C Product details

FEATURES

• High current gain.

• Excellent hFE linearity .

• Low noise between 30Hz and 15kHz.

• For AF input stages and driver applications.



APPLICATIONS

• General purpose switching and amplification.



 




Similar Part No. - BC848C

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BC848C TRSYS-BC848C Datasheet
371Kb / 3P
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Zowie Technology Corpor...
BC848C ZOWIE-BC848C Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Siemens Semiconductor G...
BC848C SIEMENS-BC848C Datasheet
273Kb / 8P
NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Diodes Incorporated
BC848C DIODES-BC848C Datasheet
60Kb / 3P
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11108 Rev. 14 - 2
logo
Micro Commercial Compon...
BC848C MCC-BC848C Datasheet
105Kb / 2P
NPN Small Signal Transistor 310mW
More results


Similar Description - BC848C

ManufacturerPart #DatasheetDescription
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
NPN General Purpose Transistor
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
NPN general purpose transistor
logo
SeCoS Halbleitertechnol...
2N3904 SECOS-2N3904_10 Datasheet
383Kb / 3P
NPN General Purpose Transistor
logo
Rohm
SST6838 ROHM-SST6838_05 Datasheet
80Kb / 4P
NPN general purpose transistor
SSTA28 ROHM-SSTA28_05 Datasheet
79Kb / 3P
NPN general purpose transistor
logo
Leshan Radio Company
LNST3904F3T5G LRC-LNST3904F3T5G_15 Datasheet
202Kb / 4P
NPN General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMST5551 BILIN-MMST5551_14 Datasheet
173Kb / 4P
NPN General Purpose Transistor
Rev.A
2SC4617 BILIN-2SC4617 Datasheet
160Kb / 4P
NPN general purpose Transistor
Rev.A
MMBT5551 BILIN-MMBT5551_13 Datasheet
158Kb / 4P
NPN General Purpose Transistor
logo
Rohm
SSTA06HZG ROHM-SSTA06HZG Datasheet
1Mb / 9P
NPN General Purpose Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com