Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82796C2 Datasheet (PDF) - EPCOS

B82796C2 Datasheet PDF - EPCOS
Part # B82796C2
Download  B82796C2 Download
File Size   123.82 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Data and signal line chokes

B82796C2 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82796C2 Datasheet PDF - EPCOS

Part # B82796C2
Download  B82796C2 Click to download

File Size   123.82 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Data and signal line chokes

B82796C2 Datasheet (HTML) - EPCOS


B82796C2 Product details

Rated voltage 42 V AC/80 V DC
Rated inductance 0.011 mH to 2.2 mH
Rated current 100 mA to 200 mA

Construction
■ Current-compensated ring core quad choke
■ Ferrite core
■ Polycarbonate case (UL 94 V-0)
■ Silicone potting
■ Bifilar winding

Features
■ Suitable for automatic insertion
■ Suitable for wave soldering
■ RoHS-compatible

Applications
■ Suppression of asymmetrical interference coupled in on lines,
   whereas data signals up to some MHz can pass unaffectedly




Similar Part No. - B82796C2

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82796C2113N201 EPCOS-B82796C2113N201 Datasheet
72Kb / 3P
Data Line Chokes for ISDN
B82796C2225N265 EPCOS-B82796C2225N265 Datasheet
72Kb / 3P
Data Line Chokes for ISDN
B82796C2473N201 EPCOS-B82796C2473N201 Datasheet
72Kb / 3P
Data Line Chokes for ISDN
B82796C2474N215 EPCOS-B82796C2474N215 Datasheet
72Kb / 3P
Data Line Chokes for ISDN
More results


Similar Description - B82796C2

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82788C0113H052 EPCOS-B82788C0113H052 Datasheet
186Kb / 9P
Data and signal line chokes
B82791G0015A017 EPCOS-B82791G0015A017 Datasheet
156Kb / 6P
Data and signal line chokes
B82792C2474N315 EPCOS-B82792C2474N315_08 Datasheet
196Kb / 8P
Data and signal line chokes
B82793C0502N201 EPCOS-B82793C0502N201_08 Datasheet
314Kb / 12P
Data and signal line chokes
B82793C2113N201 EPCOS-B82793C2113N201_08 Datasheet
203Kb / 8P
Data and signal line chokes
B82794C0475N465 EPCOS-B82794C0475N465 Datasheet
229Kb / 9P
Data and signal line chokes
B82794C2 EPCOS-B82794C2 Datasheet
502Kb / 8P
Data and signal line chokes
B82790C475N265 EPCOS-B82790C475N265 Datasheet
260Kb / 11P
Data and signal line chokes
B82790C474N215 EPCOS-B82790C474N215 Datasheet
260Kb / 11P
Data and signal line chokes
B82789C223N2 EPCOS-B82789C223N2 Datasheet
205Kb / 11P
Data and signal line chokes
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com