Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZV55 Datasheet (PDF) - Shenzhen Ping Sheng Electronics Co., Ltd.

BZV55 Datasheet PDF - Shenzhen Ping Sheng Electronics Co., Ltd.
Part # BZV55
Download  BZV55 Download
File Size   284.87 Kbytes
Page   3 Pages
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.
Description SILICON PLANAR ZENER DIODES

BZV55 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZV55 Datasheet PDF - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # BZV55
Download  BZV55 Click to download

File Size   284.87 Kbytes
Page   3 Pages
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.
Description SILICON PLANAR ZENER DIODES

BZV55 Datasheet (HTML) - Shenzhen Ping Sheng Electronics Co., Ltd.


BZV55 Product details

Features
• Total power dissipation: max. 500 mW
• Two tolerance series: ± 2% and approx. ± 5%

Applications
• Low voltage stabilizers or voltage references




Similar Part No. - BZV55

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZV55 PHILIPS-BZV55 Datasheet
60Kb / 12P
Voltage regulator diodes
2002 Feb 28
logo
General Semiconductor
BZV55 GE-BZV55 Datasheet
294Kb / 7P
ZENER DIODES
logo
Vishay Siliconix
BZV55 VISHAY-BZV55 Datasheet
240Kb / 7P
Zener Diodes
26-Apr-02
logo
NXP Semiconductors
BZV55 NXP-BZV55 Datasheet
77Kb / 12P
Voltage regulator diodes
Rev. 5-26 January 2011
logo
Nexperia B.V. All right...
BZV55 NEXPERIA-BZV55 Datasheet
1Mb / 13P
Voltage regulator diodes
Rev. 5 - 26 January 2011
More results


Similar Description - BZV55

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Zowie Technology Corpor...
MM3Z5221BH ZOWIE-MM3Z5221BH Datasheet
190Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z2V0 HTSEMI-MM1Z2V0 Datasheet
236Kb / 4P
SILICON PLANAR ZENER DIODES
MM3Z2V2B HTSEMI-MM3Z2V2B Datasheet
675Kb / 4P
Silicon Planar Zener Diodes
ZMM1 HTSEMI-ZMM1 Datasheet
1Mb / 8P
SILICON PLANAR ZENER DIODES
logo
Continental Device Indi...
BZX85C2V7 CDIL-BZX85C2V7 Datasheet
108Kb / 3P
SILICON PLANAR ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com