Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5228 Datasheet (PDF) - Sanyo Semicon Device

2SC5228 Datasheet PDF - Sanyo Semicon Device
Part # 2SC5228
Download  2SC5228 Download
File Size   123.52 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description VHF to UHF Wide-Band Low-Noise Amp Applications???

2SC5228 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5228 Datasheet PDF - Sanyo Semicon Device

Part # 2SC5228
Download  2SC5228 Click to download

File Size   123.52 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description VHF to UHF Wide-Band Low-Noise Amp Applications???

2SC5228 Datasheet (HTML) - Sanyo Semicon Device


2SC5228 Product details

VHF to UHF Wide-Band Low-Noise Amplifier Applications

Features
• Low noise : NF=1.0dB typ (f=1GHz).
• High gain : |S21e|2=13.5dB typ (f=1GHz).
• High cutoff frequency : fT=7GHz typ.




Similar Part No. - 2SC5228

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC522 TOSHIBA-2SC522 Datasheet
230Kb / 3P
HIGH FREQUENCY AMPLIFIER APPLICATIONS. HIGH VOLTAGE SWITCHING APPLICATIONS. REGULATOR APPLICATIONS.
logo
Panasonic Semiconductor
2SC5223 PANASONIC-2SC5223 Datasheet
42Kb / 2P
Silicon NPN triple diffusion planar type(For high-speed switching)
logo
Hitachi Semiconductor
2SC5225 HITACHI-2SC5225 Datasheet
29Kb / 7P
Silicon NPN Epitaxial Transistor
logo
Sanyo Semicon Device
2SC5226 SANYO-2SC5226 Datasheet
123Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications???
2SC5226A SANYO-2SC5226A Datasheet
70Kb / 6P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
More results


Similar Description - 2SC5228

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4863 SANYO-2SC4863 Datasheet
108Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications
2SC4864 SANYO-2SC4864 Datasheet
107Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications?
2SC4865 SANYO-2SC4865 Datasheet
108Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications?
2SC4867 SANYO-2SC4867 Datasheet
111Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications?
2SC4868 SANYO-2SC4868 Datasheet
109Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications?
2SC4869 SANYO-2SC4869 Datasheet
109Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications?
2SC4931 SANYO-2SC4931 Datasheet
111Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications???
2SC5227 SANYO-2SC5227 Datasheet
122Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications???
2SC5229 SANYO-2SC5229 Datasheet
127Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications???
2SC5230 SANYO-2SC5230 Datasheet
122Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications???
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com