Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V7802-2000 Datasheet (PDF) - CUI INC

V7802-2000 Datasheet PDF - CUI INC
Part # V7802-2000
Download  V7802-2000 Download
File Size   805.09 Kbytes
Page   5 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description DC SWITCHING REGULATOR, NON-ISOLATED

V7802-2000 Datasheet (PDF)

Go To PDF Page Download Datasheet
V7802-2000 Datasheet PDF - CUI INC

Part # V7802-2000
Download  V7802-2000 Click to download

File Size   805.09 Kbytes
Page   5 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description DC SWITCHING REGULATOR, NON-ISOLATED

V7802-2000 Datasheet (HTML) - CUI INC


V7802-2000 Product details

DESCRIPTION

The V78XX switching regulator series is designed to be a high efficiency drop-in replacement for 78XX linear regulators. Unlike linear regulators, the V78XX series does not require a heatsink, creating a much more compact solution. Built-in short-circuit and over-temperature protections ensure very rugged operations. Additionally, low ripple and noise performance make the parts useful in a wide range of applications.



FEATURES

• efficiency up to 92%

• 2A current output

• operating temp: -40 ~ +85°C

• short circuit protection

• thermal shutdown

• low ripple and noise

• miniature SIP package, meets UL94-V0 requirement

• ultra low power loss

• negative output capacity

• pin compatible to LM78XX series

• MTBF >2,000,000 hours



 




Similar Part No. - V7802-2000

ManufacturerPart #DatasheetDescription
logo
CUI INC
V7802-2000 CUI-V7802-2000 Datasheet
653Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
V7802-2000 CUI-V7802-2000 Datasheet
765Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
V7802-2000 CUI-V7802-2000 Datasheet
765Kb / 6P
pin compatible to LM78XX linear regulators
V7802-2000 CUI-V7802-2000 Datasheet
1Mb / 6P
NON-ISOLATED SWITCHING REGULATOR
09/22/2021
More results


Similar Description - V7802-2000

ManufacturerPart #DatasheetDescription
logo
CUI INC
V78XX-500 CUI-V78XX-500 Datasheet
410Kb / 6P
DC switching regulator, non-isolated
V78XX-500-SMT CUI-V78XX-500-SMT Datasheet
499Kb / 5P
DC switching regulator, non-isolated
V7802-1500 CUI-V7802-1500 Datasheet
760Kb / 5P
DC SWITCHING REGULATOR, NON-ISOLATED
VX78-1000 CUI-VX78-1000 Datasheet
933Kb / 8P
NON-ISOLATED DC SWITCHING REGULATOR
P78E-1000 CUI-P78E-1000 Datasheet
1Mb / 8P
NON-ISOLATED DC SWITCHING REGULATOR
V78E-500-SMT CUI-V78E-500-SMT Datasheet
1Mb / 10P
NON-ISOLATED DC SWITCHING REGULATOR
VXO78-500-M CUI-VXO78-500-M Datasheet
2Mb / 6P
NON-ISOLATED DC SWITCHING REGULATOR
09/17/2021
VX78-1000R CUI-VX78-1000R Datasheet
2Mb / 6P
NON-ISOLATED DC SWITCHING REGULATOR
09/21/2021
VXO78-500 CUI-VXO78-500_V01 Datasheet
3Mb / 7P
NON-ISOLATED DC SWITCHING REGULATOR
09/14/2021
V78E-1000-SMT CUI-V78E-1000-SMT_V01 Datasheet
4Mb / 9P
NON-ISOLATED DC SWITCHING REGULATOR
06/09/2021
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com