Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2040.0814 Datasheet (PDF) - Schurter Inc.

2040.0814 Datasheet PDF - Schurter Inc.
Part # 2040.0814
Download  2040.0814 Download
File Size   451.95 Kbytes
Page   3 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom

2040.0814 Datasheet (PDF)

Go To PDF Page Download Datasheet
2040.0814 Datasheet PDF - Schurter Inc.

Part # 2040.0814
Download  2040.0814 Click to download

File Size   451.95 Kbytes
Page   3 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom

2040.0814 Datasheet (HTML) - Schurter Inc.




Similar Part No. - 2040.0814

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2040.0814 SCHURTER-2040.0814 Datasheet
256Kb / 3P
Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom, 250 VAC, 63 VDC
More results


Similar Description - 2040.0814

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
00347103 SCHURTER-00347103 Datasheet
471Kb / 3P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
00346914 SCHURTER-00346914 Datasheet
516Kb / 3P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MST250 SCHURTER-MST250 Datasheet
388Kb / 4P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
MSU250 SCHURTER-MSU250 Datasheet
256Kb / 3P
Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom, 250 VAC, 63 VDC
MSTU250 SCHURTER-MSTU250 Datasheet
259Kb / 3P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250_18 Datasheet
291Kb / 4P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250_V01 Datasheet
302Kb / 4P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSU250 SCHURTER-MSU250_V01 Datasheet
300Kb / 4P
Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom, 250 VAC, 63 VDC
MXT250 SCHURTER-MXT250_V01 Datasheet
394Kb / 4P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MSTU250 SCHURTER-MSTU250_V02 Datasheet
302Kb / 4P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
04.01.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com