Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS1B Datasheet (PDF) - Gulf Semiconductor

SS1B Datasheet PDF - Gulf Semiconductor
Part # SS1B
Download  SS1B Download
File Size   147.89 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A

SS1B Datasheet (PDF)

Go To PDF Page Download Datasheet
SS1B Datasheet PDF - Gulf Semiconductor

Part # SS1B
Download  SS1B Click to download

File Size   147.89 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A

SS1B Datasheet (HTML) - Gulf Semiconductor


SS1B Product details

FEATURE
    For surface mounted application
    High temperature metallurgic ally bonded
    Sintered glass junction
    Capability of meeting environmental standard of MIL-S-19500
    High temperature soldering guaranteed 450℃ /10sec/at terminal/ complete device
    Submersible temperature of 265℃ for 10sec




Similar Part No. - SS1B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SS1B EIC-SS1B Datasheet
32Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
GOOD-ARK Electronics
SS1B GOOD-ARK-SS1B Datasheet
181Kb / 2P
SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
logo
SynSemi, Inc.
SS1B SYNSEMI-SS1B Datasheet
35Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
RFE international
SS1B RFE-SS1B Datasheet
111Kb / 1P
SURFACE MOUNT: Super Fast Recovery Schottky & Bridge Rectifiers
logo
EIC discrete Semiconduc...
SS1B EIC-SS1B Datasheet
40Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
More results


Similar Description - SS1B

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
EG1AE GULFSEMI-EG1AE Datasheet
86Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?0.7A
GS1A GULFSEMI-GS1A Datasheet
278Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
GU1A GULFSEMI-GU1A Datasheet
233Kb / 3P
SURFACE MOUNT SWITCHING RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
SBYD17D GULFSEMI-SBYD17D Datasheet
151Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
SBYV26A GULFSEMI-SBYV26A Datasheet
101Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?200 to 1400V CURRENT: 1.0A
SR1A GULFSEMI-SR1A Datasheet
187Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
SR1D-E GULFSEMI-SR1D-E Datasheet
161Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
SS1Q GULFSEMI-SS1Q Datasheet
174Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?200V CURRENT竊?1.0A
SS1T GULFSEMI-SS1T Datasheet
169Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?300V CURRENT竊?1.0A
SU1A GULFSEMI-SU1A Datasheet
129Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com