Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC848CW Datasheet (PDF) - Micro Commercial Components

BC848CW Datasheet PDF - Micro Commercial Components
Part # BC848CW
Download  BC848CW Download
File Size   794.27 Kbytes
Page   5 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN General Purpose Transistors

BC848CW Datasheet (PDF)

Go To PDF Page Download Datasheet
BC848CW Datasheet PDF - Micro Commercial Components

Part # BC848CW
Download  BC848CW Click to download

File Size   794.27 Kbytes
Page   5 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN General Purpose Transistors

BC848CW Datasheet (HTML) - Micro Commercial Components


BC848CW Product details

Features

• Low current (max. 100mA)

• Low voltage (max. 65V)

• Case Material:Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL Rating 1



 




Similar Part No. - BC848CW

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC848CW SIEMENS-BC848CW Datasheet
272Kb / 8P
NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Diodes Incorporated
BC848CW DIODES-BC848CW Datasheet
47Kb / 2P
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30250 Rev. 3 - 2
logo
Infineon Technologies A...
BC848CW INFINEON-BC848CW Datasheet
229Kb / 8P
NPN Silicon AF Transistors
Dec-11-2001
logo
Diotec Semiconductor
BC848CW DIOTEC-BC848CW Datasheet
185Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Weitron Technology
BC848CW WEITRON-BC848CW Datasheet
198Kb / 4P
General Purpose Transistor NPN Silicon
More results


Similar Description - BC848CW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
NPN general purpose transistors
2003 Jul 15
logo
Pan Jit International I...
BC847BFN3 PANJIT-BC847BFN3 Datasheet
133Kb / 5P
NPN GENERAL PURPOSE TRANSISTORS
logo
Weitron Technology
2SC2412K WEITRON-2SC2412K_07 Datasheet
1Mb / 5P
NPN General Purpose Transistors
logo
NXP Semiconductors
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
NPN general purpose transistors
1999 Apr 08
logo
Diotec Semiconductor
2N2222A DIOTEC-2N2222A Datasheet
157Kb / 2P
General Purpose NPN Transistors
MPSA06 DIOTEC-MPSA06 Datasheet
166Kb / 2P
General Purpose NPN Transistors
logo
Micro Commercial Compon...
2SC5658-Q MCC-2SC5658-Q Datasheet
652Kb / 4P
NPN General Purpose Transistors
logo
AiT Semiconductor Inc.
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
D882 AITSEMI-D882 Datasheet
554Kb / 5P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com