Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC12LC509A Datasheet (PDF) - Microchip Technology

PIC12LC509A Datasheet PDF - Microchip Technology
Part # PIC12LC509A
Download  PIC12LC509A Download
File Size   1696.14 Kbytes
Page   113 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Pin, 8-Bit CMOS Microcontrollers

PIC12LC509A Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC12LC509A Datasheet PDF - Microchip Technology

Part # PIC12LC509A
Download  PIC12LC509A Click to download

File Size   1696.14 Kbytes
Page   113 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Pin, 8-Bit CMOS Microcontrollers

PIC12LC509A Datasheet (HTML) - Microchip Technology


PIC12LC509A Product details

GENERAL DESCRIPTION
The PIC12C5XX from Microchip Technology is a family of low-cost, high performance, 8-bit, fully static, EEPROM/EPROM/ROM-based CMOS microcontrollers. It employs a RISC architecture with only 33 single word/single cycle instructions. All instructions are single cycle (1 µs) except for program branches which take two cycles. The PIC12C5XX delivers performance an order of magnitude higher than its competitors in the same price category. The 12-bit wide instructions are highly symmetrical resulting in 2:1 code compression over other 8-bit microcontrollers in its class. The easy to use and easy to remember instruction set reduces development time significantly.

High-Performance RISC CPU:
• Only 33 single word instructions to learn
• All instructions are single cycle (1 µs) except for program branches which are two-cycle
• Operating speed: DC - 4 MHz clock input DC - 1 µs instruction cycle
• 12-bit wide instructions
• 8-bit wide data path
• Seven special function hardware registers
• Two-level deep hardware stack
• Direct, indirect and relative addressing modes for data and instructions
• Internal 4 MHz RC oscillator with programmable calibration
• In-circuit serial programming

Peripheral Features:
• 8-bit real time clock/counter (TMR0) with 8-bit programmable prescaler
• Power-On Reset (POR)
• Device Reset Timer (DRT)
• Watchdog Timer (WDT) with its own on-chip RC oscillator for reliable operation
• Programmable code-protection
• 1,000,000 erase/write cycle EEPROM data memory
• EEPROM data retention > 40 years
• Power saving SLEEP mode
• Wake-up from SLEEP on pin change
• Internal weak pull-ups on I/O pins
• Internal pull-up on MCLR pin
• Selectable oscillator options:
   - INTRC: Internal 4 MHz RC oscillator
   - EXTRC: External low-cost RC oscillator
   - XT: Standard crystal/resonator
   - LP: Power saving, low frequency crystal

CMOS Technology:
• Low power, high speed CMOS EPROM/ROM technology
• Fully static design
• Wide operating voltage range
• Wide temperature range:
   - Commercial: 0°C to +70°C
   - Industrial: -40°C to +85°C
   - Extended: -40°C to +125°C
• Low power consumption
   - < 2 mA @ 5V, 4 MHz
   - 15 µA typical @ 3V, 32 KHz
   - < 1 µA typical standby current




Similar Part No. - PIC12LC509A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12LC509A MICROCHIP-PIC12LC509A Datasheet
1Mb / 113P
8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
More results


Similar Description - PIC12LC509A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12CR509 MICROCHIP-PIC12CR509 Datasheet
1Mb / 113P
8-Pin, 8-Bit CMOS Microcontrollers
1999 - 2002
PIC12F609 MICROCHIP-PIC12F609 Datasheet
2Mb / 168P
8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
2006
PIC12F752 MICROCHIP-PIC12F752 Datasheet
1Mb / 204P
8-Pin Flash-Based 8-Bit CMOS Microcontrollers
2011
PIC16C62B MICROCHIP-PIC16C62B_13 Datasheet
1Mb / 122P
28-Pin 8-Bit CMOS Microcontrollers
11/29/12 1998-2013
PIC12CE518-04SM MICROCHIP-PIC12CE518-04SM Datasheet
1Mb / 113P
8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
PIC12C509-04I MICROCHIP-PIC12C509-04I Datasheet
938Kb / 113P
8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
PIC12C509A-04I MICROCHIP-PIC12C509A-04I Datasheet
938Kb / 113P
8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
PIC12CE518-04I MICROCHIP-PIC12CE518-04I Datasheet
938Kb / 113P
8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
PIC12CE519-04I MICROCHIP-PIC12CE519-04I Datasheet
938Kb / 113P
8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
PIC12C509-04 MICROCHIP-PIC12C509-04 Datasheet
1Mb / 113P
8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com