Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RE46C168S Datasheet (PDF) - Microchip Technology

RE46C168S Datasheet PDF - Microchip Technology
Part # RE46C168S
Download  RE46C168S Download
File Size   453.75 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory

RE46C168S Datasheet (PDF)

Go To PDF Page Download Datasheet
RE46C168S Datasheet PDF - Microchip Technology

Part # RE46C168S
Download  RE46C168S Click to download

File Size   453.75 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory

RE46C168S Datasheet (HTML) - Microchip Technology


RE46C168S Product details

Description

The RE46C165/6/7/8 devices are low-power, CMOS photoelectric type, smoke detector ICs. With minimal external components, these circuits will provide all the required features for a photoelectric type smoke detector.

Each design incorporates a gain selectable photo amplifier for use with an infrared emitter/detector pair. An internal oscillator strobes power to the smoke detection circuitry for 100 µs every 10 seconds to keep standby current to a minimum. If smoke is sensed, the detection rate is increased to verify an alarm condition. A high gain mode is available for push button chambertesting.



Features

• Temporal Horn Pattern or Continuous Tone

• Alarm Memory

• Sensitivity Control Times:

   - 9 minutes (RE46C165/6)

   - 1.2 minutes (RE46C167/8)

• I/O Filter and Charge Dump

• Interconnect up to 40 Detectors

• Internal Power-on Reset

• >2000V ESD Protection (HBM) on All Pins

• Low Quiescent Current Consumption (<8 µA)

• Internal Low Battery Detection and Chamber Test

• RoHS Compliant Lead-Free Packaging



 




Similar Part No. - RE46C168S

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C168 MICROCHIP-RE46C168 Datasheet
563Kb / 30P
Alarm Memory
07/14/15
More results


Similar Description - RE46C168S

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C146 MICROCHIP-RE46C146 Datasheet
261Kb / 13P
CMOS Photoelectric Smoke Detector ASIC with Intelligent Interconnect and Timer Mode
2009
RE46C140 MICROCHIP-RE46C140 Datasheet
257Kb / 13P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C144 MICROCHIP-RE46C144 Datasheet
256Kb / 12P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C145 MICROCHIP-RE46C145 Datasheet
259Kb / 12P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C162 MICROCHIP-RE46C162 Datasheet
262Kb / 22P
CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C144 MICROCHIP-RE46C144_12 Datasheet
1Mb / 26P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
11/29/11
RE46C145 MICROCHIP-RE46C145_12 Datasheet
1Mb / 26P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
11/29/11
RE46C180S16F MICROCHIP-RE46C180S16F Datasheet
872Kb / 58P
CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
08/02/11
RE46C180 MICROCHIP-RE46C180 Datasheet
1Mb / 58P
CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
02/28/20
RE46C195 MICROCHIP-RE46C195 Datasheet
2Mb / 39P
CMOS Low-Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
Revision A March 2021
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com