Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM660OFA24DM6E Datasheet (PDF) - STMicroelectronics

STM660OFA24DM6E Datasheet PDF - STMicroelectronics
Part # STM660OFA24DM6E
Download  STM660OFA24DM6E Download
File Size   1295.34 Kbytes
Page   51 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Smart push-button on/off controller with Smart ResetTM and power-on lockout

STM660OFA24DM6E Datasheet (PDF)

Go To PDF Page Download Datasheet
STM660OFA24DM6E Datasheet PDF - STMicroelectronics

Part # STM660OFA24DM6E
Download  STM660OFA24DM6E Click to download

File Size   1295.34 Kbytes
Page   51 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Smart push-button on/off controller with Smart ResetTM and power-on lockout

STM660OFA24DM6E Datasheet (HTML) - STMicroelectronics


STM660OFA24DM6E Product details

Description
The STM6600-01 devices monitor the state of connected push-button(s) as well as sufficient supply voltage. An enable output controls power for the application through the MOSFET transistor, DC-DC converter, regulator, etc. If the supply voltage is above a precise voltage threshold, the enable output can be asserted by a simple press of the button. Factory-selectable supply voltage thresholds are determined by highly accurate and temperature-compensated references.

Features
• Operating voltage 1.6 V to 5.5 V
• Low standby current of 0.6 µA
• Adjustable Smart Reset™ assertion delay time driven by external CSRD
• Power-up duration determined primarily by push-button press (STM6600) or by fixed time period, tON_BLANK (STM6601)
• Debounced PB and SR inputs
• PB and SR ESD inputs withstand voltage up to ±15 kV (air discharge) ±8 kV (contact discharge)
• Active high or active low enable output option (EN or EN) provides control of MOSFET, DC-DC converter, regulator, etc.
• Secure startup, interrupt, Smart Reset™ or power-down driven by push-button
• Precise 1.5 V voltage reference with 1% accuracy
• Industrial operating temperature –40 to +85 °C
• Available in TDFN12 2 x 3 mm package

Applications
• Portable devices
• Terminals
• Audio and video players
• Cell phones and smart phones
• PDAs, palmtops, organizers




Similar Part No. - STM660OFA24DM6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6600 STMICROELECTRONICS-STM6600 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results


Similar Description - STM660OFA24DM6E

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2951 LINER-LTC2951 Datasheet
193Kb / 16P
Push Button On/Off Controller
LTC2950-1 LINER-LTC2950-1 Datasheet
427Kb / 16P
Push Button On/Off Controller
LTC2951-1 LINER-LTC2951-1 Datasheet
217Kb / 16P
Push Button On/Off Controller
LTC2953 LINER-LTC2953 Datasheet
203Kb / 20P
Push Button On/Off Controller with Voltage Monitoring
LTC2954 LINER-LTC2954 Datasheet
584Kb / 16P
Push Button On/Off Controller with 關P Interrupt
logo
STMicroelectronics
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
Dual push-button Smart Reset??with push-button controlled output delay
31-May-2010
STM6513 STMICROELECTRONICS-STM6513 Datasheet
284Kb / 29P
Dual push-button Smart ResetTM with dual reset outputs and user-selectable setup delay
21-Jun-2010
STM6502 STMICROELECTRONICS-STM6502 Datasheet
454Kb / 29P
Dual push-button Smart ResetTM with user-adjustable setup delays
21-Jun-2010
STM6510 STMICROELECTRONICS-STM6510 Datasheet
380Kb / 26P
Dual push-button Smart ResetTM with capacitor-adjustable delays
26-Feb-2010
logo
Linear Technology
LTC2953 LINER-LTC2953_15 Datasheet
215Kb / 20P
Push Button On/Off Controller with Voltage Monitoring
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com