Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS310A Datasheet (PDF) - Diotech Company.

SS310A Datasheet PDF - Diotech Company.
Part # SS310A
Download  SS310A Download
File Size   690.49 Kbytes
Page   2 Pages
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SS310A Datasheet (PDF)

Go To PDF Page Download Datasheet
SS310A Datasheet PDF - Diotech Company.

Part # SS310A
Download  SS310A Click to download

File Size   690.49 Kbytes
Page   2 Pages
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SS310A Datasheet (HTML) - Diotech Company.


SS310A Product details

Reverse Voltage - 20 to 100 Volts Forward Current - 3.0 Ampere



FEATURES

● The plastic package carries Underwriters Laboratory

   Flammability Classification 94V-0

● For surface mounted applications

● Metal silicon junction,majority carrier conduction

● Low reverse leakage

● Built-in strain relief,ideal for automated placement

● High forward surge current capability

● High temperature soldering guaranteed: 250°C/10 seconds at terminals



 




Similar Part No. - SS310A

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
SS310A TAITRON-SS310A Datasheet
202Kb / 4P
3.0A Surface Mount Schottky Rectifier
logo
Yangzhou yangjie electr...
SS310A YANGJIE-SS310A Datasheet
174Kb / 2P
Schottky Rectifier
logo
Rugao Dachang Electroni...
SS310A DACHANG-SS310A Datasheet
115Kb / 2P
Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 100 V Forward Current 3.0 A
logo
Tiger Electronic Co.,Lt...
SS310A TGS-SS310A Datasheet
678Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Frontier Electronics.
SS310A FRONTIER-SS310A Datasheet
126Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - SS310A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com