Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9313UMM3 Datasheet (PDF) - Xicor Inc.

X9313UMM3 Datasheet PDF - Xicor Inc.
Part # X9313UMM3
Download  X9313UMM3 Download
File Size   50.93 Kbytes
Page   10 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description E2POT??Nonvolatile Digital Potentiometer

X9313UMM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9313UMM3 Datasheet PDF - Xicor Inc.

Part # X9313UMM3
Download  X9313UMM3 Click to download

File Size   50.93 Kbytes
Page   10 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description E2POT??Nonvolatile Digital Potentiometer

X9313UMM3 Datasheet (HTML) - Xicor Inc.


X9313UMM3 Product details

DESCRIPTION

The Xicor X9313 is a solid state nonvolatile potentiometer and is ideal for digitally controlled resistance trimming.

The X9313 is a resistor array composed of 31 resistive elements. Between each element and at either end are tap points accessible to the wiper element. The position of the wiper element is controlled by the CS, U/D, and INC inputs. The position of the wiper can be stored in nonvola tile memory and then be recalled upon a subsequent power-up operation.



FEATURES

• Low Power CMOS

—VCC = 3V to 5.5V

—Active Current, 3mA Max

—Standby Current, 500µA Max

• 31 Resistive Elements

—Temperature Compensated

—±20% End to End Resistance Range

— –5V to +5V Range

• 32 Wiper Tap Points

—Wiper Positioned via Three-Wire Interface

—Similar to TTL Up/Down Counter

—Wiper Position Stored in Nonvolatile Memory and Recalled on Power-Up

• 100 Year Wiper Position Data Retention

• X9313Z = 1KΩ

• X9313W = 10KΩ

• Packages

—8-Lead MSOP

—8-Lead PDIP

—8-Lead SOIC




Similar Part No. - X9313UMM3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313UM INTERSIL-X9313UM Datasheet
276Kb / 11P
Terminal Voltages -5V, 32 Taps
September 9, 2005
X9313UM-3T1 INTERSIL-X9313UM-3T1 Datasheet
277Kb / 12P
Digitally Controlled Potentiometer
April 18, 2007
X9313UM-3T1 INTERSIL-X9313UM-3T1 Datasheet
284Kb / 12P
Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
January 15, 2008
X9313UMI INTERSIL-X9313UMI Datasheet
276Kb / 11P
Terminal Voltages -5V, 32 Taps
September 9, 2005
X9313UMI INTERSIL-X9313UMI Datasheet
277Kb / 12P
Digitally Controlled Potentiometer
April 18, 2007
More results


Similar Description - X9313UMM3

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9221 XICOR-X9221 Datasheet
65Kb / 14P
Dual E2POT??Nonvolatile Digital Potentiometer
X9241 XICOR-X9241 Datasheet
76Kb / 16P
Quad E2POT??Nonvolatile Digital Potentiometer
X9312 XICOR-X9312 Datasheet
50Kb / 9P
E2POT??Nonvolatile Digital Potentiometer
X9314 XICOR-X9314 Datasheet
53Kb / 10P
E2POT??Nonvolatile Digital Potentiometer
X9316 XICOR-X9316 Datasheet
68Kb / 12P
E 2 POT??Nonvolatile Digital Potentiometer
X9C102 XICOR-X9C102 Datasheet
83Kb / 15P
E2POT??Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com