Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC5705BEMLLR Datasheet (PDF) - Freescale Semiconductor, Inc

MPC5705BEMLLR Datasheet PDF - Freescale Semiconductor, Inc
Part # MPC5705BEMLLR
Download  MPC5705BEMLLR Download
File Size   1078.44 Kbytes
Page   92 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Microcontroller

MPC5705BEMLLR Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC5705BEMLLR Datasheet PDF - Freescale Semiconductor, Inc

Part # MPC5705BEMLLR
Download  MPC5705BEMLLR Click to download

File Size   1078.44 Kbytes
Page   92 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Microcontroller

MPC5705BEMLLR Datasheet (HTML) - Freescale Semiconductor, Inc


MPC5705BEMLLR Product details

Description
This family of 32-bit system-on-chip (SoC) microcontrollers is the latest achievement in integrated automotive application controllers. It belongs to an expanding family of automotive-focused products designed to address the next wave of body electronics applications within the vehicle.
The advanced and cost-efficient e200z0h host processor core of this automotive controller family complies with the Power Architecture technology and only implements the VLE (variable-length encoding) APU (Auxiliary Processor Unit), providing improved code density. It operates at speeds of up to 64 MHz and offers high performance processing optimized for low power consumption. It capitalizes on the available development infrastructure of current Power Architecture devices and is supported with software drivers, operating systems and configuration code to assist with users implementations.

• Single issue, 32-bit CPU core complex (e200z0h)
   – Compliant with the Power Architecture® technology embedded category
   – Enhanced instruction set allowing variable length encoding (VLE) for code size footprint reduction. With the optional encoding of mixed 16-bit and 32-bit instructions, it is possible to achieve significant code size footprint reduction.
• Up to 1.5 MB on-chip code flash memory supported with the flash memory controller
• 64 (4 × 16) KB on-chip data flash memory with ECC
• Up to 96 KB on-chip SRAM
• Memory protection unit (MPU) with 8 region descriptors and 32-byte region granularity on certain family members (Refer to Table 1 for details.)
• Interrupt controller (INTC) capable of handling 204 selectable-priority interrupt sources
• Frequency modulated phase-locked loop (FMPLL)
• Crossbar switch architecture for concurrent access to peripherals, Flash, or RAM from multiple bus masters
• 16-channel eDMA controller with multiple transfer request sources using DMA multiplexer
• Boot assist module (BAM) supports internal Flash programming via a serial link (CAN or SCI)
• Timer supports I/O channels providing a range of 16-bit input capture, output compare, and pulse width modulation functions (eMIOS)
• 2 analog-to-digital converters (ADC): one 10-bit and one 12-bit
• Cross Trigger Unit to enable synchronization of ADC conversions with a timer event from the eMIOS or PIT
• Up to 6 serial peripheral interface (DSPI) modules
• Up to 10 serial communication interface (LINFlex) modules
• Up to 6 enhanced full CAN (FlexCAN) modules with configurable buffers
• 1 inter-integrated circuit (I2C) interface module
• Up to 149 configurable general purpose pins supporting input and output operations (package dependent)
• Real-Time Counter (RTC)
   – Clock source from internal 128 kHz or 16 MHz oscillator supporting autonomous wakeup with 1 ms resolution with maximum timeout of 2 seconds
   – Optional support for RTC with clock source from external 32 kHz crystal oscillator, supporting wakeup with 1 sec resolution and maximum timeout of 1 hour
• Up to 8 periodic interrupt timers (PIT) with 32-bit counter resolution
• Nexus development interface (NDI) per IEEE-ISTO 5001-2003 Class Two Plus
• Device/board boundary scan testing supported per Joint Test Action Group (JTAG) of IEEE (IEEE 1149.1)
• On-chip voltage regulator (VREG) for regulation of input supply for all internal levels




Similar Part No. - MPC5705BEMLLR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5702BECLQ FREESCALE-MPC5702BECLQ Datasheet
892Kb / 98P
Microcontroller
MPC5702BECLU FREESCALE-MPC5702BECLU Datasheet
892Kb / 98P
Microcontroller
MPC5702BECMG FREESCALE-MPC5702BECMG Datasheet
892Kb / 98P
Microcontroller
MPC5702BEMLQ FREESCALE-MPC5702BEMLQ Datasheet
892Kb / 98P
Microcontroller
MPC5702BEMLU FREESCALE-MPC5702BEMLU Datasheet
892Kb / 98P
Microcontroller
More results


Similar Description - MPC5705BEMLLR

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
Microcontroller
LM4F111B2QR TI1-LM4F111B2QR Datasheet
5Mb / 1113P
Microcontroller
LM4F111E5QR TI1-LM4F111E5QR Datasheet
5Mb / 1114P
Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
Microcontroller
LM3S1110 TI1-LM3S1110 Datasheet
4Mb / 539P
Microcontroller
logo
Renesas Technology Corp
S5D9 RENESAS-S5D9 Datasheet
2Mb / 115P
Microcontroller
logo
List of Unclassifed Man...
N79E855 ETC2-N79E855 Datasheet
3Mb / 180P
Microcontroller
W567BXXX ETC2-W567BXXX Datasheet
494Kb / 13P
microcontroller
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com