Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3612 Datasheet (PDF) - Lumberg

3612 Datasheet PDF - Lumberg
Part # 3612
Download  3612 Download
File Size   277.55 Kbytes
Page   2 Pages
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg
Description RAST-5-Steckverbinder, Raster 5,0 mm

3612 Datasheet (PDF)

Go To PDF Page Download Datasheet
3612 Datasheet PDF - Lumberg

Part # 3612
Download  3612 Click to download

File Size   277.55 Kbytes
Page   2 Pages
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg
Description RAST-5-Steckverbinder, Raster 5,0 mm

3612 Datasheet (HTML) - Lumberg


3612 Product details

RAST 5 connectors, pitch 5.0 mm

RAST 5 connector for direct mating, with screw terminal, with lift clamp with protection against misplacing, with interior locking, consecutive placement without loss of pitch




Similar Part No. - 3612

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3612 BOURNS-3612 Datasheet
73Kb / 1P
ADSL Module
logo
List of Unclassifed Man...
3612 ETC2-3612 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
3612 ETC2-3612 Datasheet
110Kb / 4P
CAT6 (400MHz), 4-Pair, U/UTP-Unshielded, Riser-CMR, Premise Horizontal Cable
logo
Lumberg
3612 LUMBERG-3612 Datasheet
634Kb / 4P
RAST 5 connectors, pitch 5.0 mm
logo
Heyco.
3612 HEYCO-3612 Datasheet
160Kb / 1P
Cable Holders - Arrowhead Mount
More results


Similar Description - 3612

ManufacturerPart #DatasheetDescription
logo
Lumberg
3602 LUMBERG-3602 Datasheet
89Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
3618 LUMBERG-3618 Datasheet
109Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
3628 LUMBERG-3628 Datasheet
106Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
3645 LUMBERG-3645 Datasheet
87Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
3647 LUMBERG-3647 Datasheet
102Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
3647-1 LUMBERG-3647-1 Datasheet
90Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
3671 LUMBERG-3671 Datasheet
89Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
3676 LUMBERG-3676 Datasheet
114Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
3678 LUMBERG-3678 Datasheet
104Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
3686 LUMBERG-3686 Datasheet
107Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com