Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

78Q2133/F Datasheet (PDF) - Teridian Semiconductor Corporation

78Q2133/F Datasheet PDF - Teridian Semiconductor Corporation
Part # 78Q2133/F
Download  78Q2133/F Download
File Size   737.44 Kbytes
Page   42 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description 10/100BASE-TX Transceiver

78Q2133/F Datasheet (PDF)

Go To PDF Page Download Datasheet
78Q2133/F Datasheet PDF - Teridian Semiconductor Corporation

Part # 78Q2133/F
Download  78Q2133/F Click to download

File Size   737.44 Kbytes
Page   42 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description 10/100BASE-TX Transceiver

78Q2133/F Datasheet (HTML) - Teridian Semiconductor Corporation


78Q2133/F Product details

DESCRIPTION
The 78Q2123 and 78Q2133, MicroPHYTM, are the smallest 10BASE-T/100BASE-TX Fast Ethernet transceivers in the market. They include integrated MII, ENDECs, scrambler/descrambler, dual-speed clock recovery, and full-featured auto-negotiation functions. The transmitter includes an on-chip pulse-shaper and a low-power line driver. The receiver has an adaptive equalizer and a baseline restoration circuit required for accurate clock and data recovery.
   
FEATURES
• Smallest 10/100 PHY available
• 10BASE-T/100BASE-TX IEEE-802.3 compliant
    TX and RX functions requiring a dual 1:1
    isolation transformer interface to the line
• Integrated MII, 10BASE-T/100BASE-TX ENDEC,
    100BASE-TX scrambler/descrambler, and
    full-featured auto-negotiation function
• Full duplex operation capable
• Automatic MDI/MDI-X cross over correction
• Register-programmable transmit amplitude
• Automatic polarity correction during
    auto-negotiation and 10BASE-T signal reception
• Power-saving and power-down modes
    including transmitter disable
• 2 Programmable LED indicators (Link and
    Activity by default)
• User programmable Interrupt pin
• Package: 32-QFN (5x5 mm)
    32-TPFP (5x5 mm)
• Low Power (~290mW)
• Single 3.3 V ± 0.3V Supply
• 78Q2123 rated for 0°C to 70°C operation
• 78Q2133 rated for -40°C to 85°C operation
   




Similar Part No. - 78Q2133/F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
78Q2133 MAXIM-78Q2133 Datasheet
351Kb / 37P
Full duplex operation capable
Rev. 2.0
More results


Similar Description - 78Q2133/F

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5238 BOARDCOM-BCM5238 Datasheet
165Kb / 1P
10/100BASE TX OCTAL TRANSCEIVER
logo
List of Unclassifed Man...
78Q2120-64 ETC-78Q2120-64 Datasheet
200Kb / 33P
10/100BASE-TX Ethernet Transceiver
logo
Broadcom Corporation.
BCM5208R BOARDCOM-BCM5208R Datasheet
86Kb / 2P
10/100BASE-TX QUAD-FTM TRANSCEIVER
BCM5248 BOARDCOM-BCM5248 Datasheet
213Kb / 2P
10/100BASE-TX OCTAL-過 TRANSCEIVER
logo
List of Unclassifed Man...
AC101L ETC2-AC101L Datasheet
73Kb / 2P
10/100BASE-TX SINGLE-PHY TRANSCEIVER
logo
Teridian Semiconductor ...
78Q2120C TERIDIAN-78Q2120C Datasheet
594Kb / 35P
10/100BASE-TX Transceiver
logo
Broadcom Corporation.
BCM5241XA1KMLG BOARDCOM-BCM5241XA1KMLG Datasheet
180Kb / 2P
10/100BASE-TX SINGLE-CHANNEL TRANSCEIVER
BCM5220 BOARDCOM-BCM5220_05 Datasheet
1Mb / 90P
10/100BASE-TX/FX Mini Transceiver
BCM5228 BOARDCOM-BCM5228_05 Datasheet
1Mb / 100P
10/100BASE-TX/FX Octal Transceiver
BCM5238 BOARDCOM-BCM5238_05 Datasheet
933Kb / 76P
10/100BASE-TX Octal Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com