| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTLJS3113P
|
79Kb / 6P |
Power MOSFET ??0 V, ??.7 A, uCool TM Single 2x2 mm, WDFN Package
May, 2006 ??Rev. 3 |
|
NTLJS1102P
|
119Kb / 7P |
Power MOSFET ?? V, ??.1 A, COOL Single P?묬hannel, 2x2 mm, WDFN package
November, 2008 ??Rev. 0 |
|
NTLUD3191PZ
|
147Kb / 6P |
Power MOSFET ??0 V, ??.8 A, Cool Dual P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
April, 2009 ??Rev. 1 |
|
NTLUS3192PZ
|
159Kb / 6P |
Power MOSFET ??0 V, ??.2 A, Cool Single P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
May, 2009 ??Rev. P3 |
|
NTLUS4195PZ
|
180Kb / 6P |
Power MOSFET ??0 V, ??.0 A, Cool Single P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
June, 2009 ??Rev. 0 |
|
NTLJD3183CZ
|
141Kb / 9P |
Power MOSFET 20 V/??0 V, 4.7 A/??.0 A, 關Cool??Complementary, 2x2 mm, WDFN Package
December, 2008 ??Rev. 0 |
|
NTLUD3A50PZ
|
133Kb / 6P |
??0 V, ??.6 A, Cool Dual P?묬hannel, 2.0x2.0x0.55 mm UDFN Package
August, 2012 ??Rev. 1 |
|
NTLUS3A39PZ
|
137Kb / 6P |
??0 V, ??.2 A, Single P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Cool Package
June, 2012 ??Rev. 1 |
|
NTLUS3A90PZTAG
|
145Kb / 6P |
??0 V, ??.0 A, Cool Single P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
September, 2010 ??Rev. 2 |
|
NTLUD3A260PZTAG
|
112Kb / 6P |
Power MOSFET ??0 V, ??.1 A,Cool Dual P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
September, 2010 ??Rev. 1 |