Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

62783 Datasheet (PDF) - Unisonic Technologies

62783 Datasheet PDF - Unisonic Technologies
Part # 62783
Download  62783 Download
File Size   173.26 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 8CH HIGH−VOLTAGE SOURCE DRIVER

62783 Datasheet (PDF)

Go To PDF Page Download Datasheet
62783 Datasheet PDF - Unisonic Technologies

Part # 62783
Download  62783 Click to download

File Size   173.26 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 8CH HIGH−VOLTAGE SOURCE DRIVER

62783 Datasheet (HTML) - Unisonic Technologies


62783 Product details

DESCRIPTION

The UTC 62783 consists of eight source current transistor array combination and it is suitable for fluorescent display applications. The UTC 62783 is ideal for uses, such as relay, hammer and lamp drivers.



FEATURES

* High output voltage: VCC = 50V (MIN.)

* Output current (single output) IOUT = -500mA (MIN.)

* Output clamp diodes and single supply voltage

* Input compatible with various types of logic

* TTL, 5V CMOS



 




Similar Part No. - 62783

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
62783 UTC-62783 Datasheet
222Kb / 5P
8CH HIGH?뭋OLTAGE SOURCE DRIVER
62783 UTC-62783 Datasheet
211Kb / 7P
8CH HIGH?뭋OLTAGE SOURCE DRIVER
62783G-D18-T UTC-62783G-D18-T Datasheet
222Kb / 5P
8CH HIGH?뭋OLTAGE SOURCE DRIVER
62783G-D18-T UTC-62783G-D18-T Datasheet
271Kb / 7P
8CH HIGH?뭋OLTAGE SOURCE DRIVER
62783G-D18-T UTC-62783G-D18-T Datasheet
211Kb / 7P
8CH HIGH?뭋OLTAGE SOURCE DRIVER
More results


Similar Description - 62783

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62781AP TOSHIBA-TD62781AP Datasheet
228Kb / 6P
8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783 TOSHIBA-TD62783 Datasheet
272Kb / 8P
8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783784AP TOSHIBA-TD62783784AP Datasheet
206Kb / 9P
8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783AP TOSHIBA-TD62783AP Datasheet
277Kb / 8P
8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783APA TOSHIBA-TD62783APA Datasheet
203Kb / 6P
8CH HIGH-VOLTAGE SOURCE DRIVER
TD62786AP TOSHIBA-TD62786AP Datasheet
262Kb / 7P
8CH HIGH-VOLTAGE SOURCE DRIVER
TD62781AP TOSHIBA-TD62781AP_06 Datasheet
496Kb / 10P
8CH HIGH−VOLTAGE SOURCE DRIVER
TD62783AFNG TOSHIBA-TD62783AFNG Datasheet
331Kb / 10P
8CH HIGH−VOLTAGE HIGH SOURCE−CURRENT DRIVER
TD62783APG TOSHIBA-TD62783APG_06 Datasheet
270Kb / 11P
8CH HIGH−VOLTAGE SOURCE DRIVER
logo
Unisonic Technologies
62784 UTC-62784 Datasheet
173Kb / 5P
8CH HIGH−VOLTAGE SOURCE DRIVER
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com