Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL5259 Datasheet (PDF) - Shanghai Lunsure Electronic Tech

DL5259 Datasheet PDF - Shanghai Lunsure Electronic Tech
Part # DL5259
Download  DL5259 Download
File Size   858.84 Kbytes
Page   2 Pages
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech
Description 500mw zener diode 2.4 to 47 volts

DL5259 Datasheet (PDF)

Go To PDF Page Download Datasheet
DL5259 Datasheet PDF - Shanghai Lunsure Electronic Tech

Part # DL5259
Download  DL5259 Click to download

File Size   858.84 Kbytes
Page   2 Pages
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech
Description 500mw zener diode 2.4 to 47 volts

DL5259 Datasheet (HTML) - Shanghai Lunsure Electronic Tech


DL5259 Product details

Features
● Wide Voltage Range Available
● Glass Package
● High Temp Soldering: 250°C for 10 Seconds At Terminals
● Surface Mount Package




Similar Part No. - DL5259

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL5259 MCC-DL5259 Datasheet
890Kb / 2P
500 mW Zener Diode 2.4 to 200 Volts
logo
Tiger Electronic Co.,Lt...
DL5259 TGS-DL5259 Datasheet
421Kb / 2P
500 mW Zener Diode 2.4 to 47 Volts
logo
Micro Commercial Compon...
DL5259 MCC-DL5259 Datasheet
632Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
DL5259-TP MCC-DL5259-TP Datasheet
632Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
logo
Dc Components
DL5259B DCCOM-DL5259B Datasheet
220Kb / 2P
TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
More results


Similar Description - DL5259

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL4099 CENTRAL-CLL4099 Datasheet
109Kb / 2P
LOW NOISE ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
CMHZ4099 CENTRAL-CMHZ4099 Datasheet
56Kb / 2P
LOW NOISE ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
CMHZ5221B CENTRAL-CMHZ5221B Datasheet
59Kb / 2P
SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
BZX84B5V1 CENTRAL-BZX84B5V1 Datasheet
120Kb / 2P
SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMSZDA2V4 CENTRAL-CMSZDA2V4 Datasheet
124Kb / 2P
SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMDZ2V4 CENTRAL-CMDZ2V4 Datasheet
110Kb / 2P
SUPERmini ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CLL5221B CENTRAL-CLL5221B_10 Datasheet
311Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 500mW, 2.4 THRU 75 VOLTS
logo
Tiger Electronic Co.,Lt...
DL5221 TGS-DL5221 Datasheet
421Kb / 2P
500 mW Zener Diode 2.4 to 47 Volts
logo
Central Semiconductor C...
1N5221B CENTRAL-1N5221B_11 Datasheet
348Kb / 2P
SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
logo
GOOD-ARK Electronics
1N5221 GOOD-ARK-1N5221_15 Datasheet
115Kb / 3P
Zener Diodes Zener Voltage Range: 2.4 to 200 Volts Power Dissipation: 500mW
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com