Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT8311 Datasheet (PDF) - Active-Semi, Inc

ACT8311 Datasheet PDF - Active-Semi, Inc
Part # ACT8311
Download  ACT8311 Download
File Size   363.31 Kbytes
Page   10 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description 1.5A, PWM Step-Down DC/DCs in TDFN

ACT8311 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT8311 Datasheet PDF - Active-Semi, Inc

Part # ACT8311
Download  ACT8311 Click to download

File Size   363.31 Kbytes
Page   10 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description 1.5A, PWM Step-Down DC/DCs in TDFN

ACT8311 Datasheet (HTML) - Active-Semi, Inc


ACT8311 Product details

GENERAL DESCRIPTION
The patent-pending ACT8309/ACT8310/ACT8311 are current-mode, fixed-frequency PWM, synchronous step-down DC/DC converters that are capable of delivering 1.5A with efficiency of up to 95%. These devices operate with a fixed frequency of 1.35MHz, minimizing noise in sensitive equipment as well as optimizing both efficiency and component size and cost.

FEATURES
• Multiple Patents Pending
• Up to 95% High Efficiency
• Up to 1.5A Guaranteed Output Current (ACT8311)
• 1.35MHz Constant Frequency Operation
• Internal Synchronous Rectifier Eliminates Schottky Diode
• ACT8309: Up to 900mA
• ACT8310: Up to 1.2A
• ACT8311: Up to 1.5A
• 100% Duty Cycle Low-Dropout Operation
• 0.1µA Shutdown Current
• Small TDFN33-8 Package − RoHS-Compliant
• Enable/Disable Control
• Minimal External Components

APPLICATIONS
• Wireless Handhelds
• Portable Devices
• GPS/PND equipment




Similar Part No. - ACT8311

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8311 ACTIVE-SEMI-ACT8311 Datasheet
359Kb / 10P
1.5A, PWM Step-Down DC/DCs in TDFN
Rev 0, 15-Jun-10
ACT8311 ACTIVE-SEMI-ACT8311 Datasheet
363Kb / 10P
1.5A, PWM Step-Down DC/DCs in TDFN
Rev 1, 15-Nov-12
ACT8311 ACTIVE-SEMI-ACT8311 Datasheet
363Kb / 11P
1.5A, PWM Step-Down DC/DCs in TDFN
Rev 1, 15-Nov-12
ACT8311NHADJ-T ACTIVE-SEMI-ACT8311NHADJ-T Datasheet
359Kb / 10P
1.5A, PWM Step-Down DC/DCs in TDFN
Rev 0, 15-Jun-10
ACT8311NHADJ-T ACTIVE-SEMI-ACT8311NHADJ-T Datasheet
363Kb / 10P
1.5A, PWM Step-Down DC/DCs in TDFN
Rev 1, 15-Nov-12
More results


Similar Description - ACT8311

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1911 MICROSEMI-LX1911 Datasheet
152Kb / 7P
1.5A, 1.1MHZ PWM Step-Down Regulator
logo
Active-Semi, Inc
ACT8325 ACTIVE-SEMI-ACT8325 Datasheet
80Kb / 2P
Dual PWM Step-Down DC/DCs in TDFN33
16-Nov-07
ACT6330 ACTIVE-SEMI-ACT6330 Datasheet
104Kb / 2P
Dual PWM Step-Up DC/DCs in TQFN33
02-Apr-08
ACT8325 ACTIVE-SEMI-ACT8325_08 Datasheet
285Kb / 11P
Dual PWM Step-Down DC/DCs in TDFN33
Rev0, 13-May-08
ACT6330 ACTIVE-SEMI-ACT6330_08 Datasheet
312Kb / 14P
Dual PWM Step-Up DC/DCs in TQFN33
Rev0, 02-Apr-08
ACT8309 ACTIVE-SEMI-ACT8309_10 Datasheet
359Kb / 10P
1.5A, PWM Step-Down DC/DCs in TDFN
Rev 0, 15-Jun-10
ACT8325 ACTIVE-SEMI-ACT8325_11 Datasheet
241Kb / 11P
Dual PWM Step-Down DC/DCs in TDFN33
Rev 2, 25-May-11
ACT8309 ACTIVE-SEMI-ACT8309_12 Datasheet
363Kb / 10P
1.5A, PWM Step-Down DC/DCs in TDFN
Rev 1, 15-Nov-12
ACT8309 ACTIVE-SEMI-ACT8309_14 Datasheet
363Kb / 11P
1.5A, PWM Step-Down DC/DCs in TDFN
Rev 1, 15-Nov-12
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
1.5A 1.5MHz high efficiency PWM step down DC/DC converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com