Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM135B Datasheet (PDF) - Silicon Touch Technology Inc.

DM135B Datasheet PDF - Silicon Touch Technology Inc.
Part # DM135B
Download  DM135B Download
File Size   337.18 Kbytes
Page   20 Pages
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.
Description 16-Bit Constant Current LED Drivers with 3.3v ~ 5v Supply Voltage

DM135B Datasheet (PDF)

Go To PDF Page Download Datasheet
DM135B Datasheet PDF - Silicon Touch Technology Inc.

Part # DM135B
Download  DM135B Click to download

File Size   337.18 Kbytes
Page   20 Pages
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.
Description 16-Bit Constant Current LED Drivers with 3.3v ~ 5v Supply Voltage

DM135B Datasheet (HTML) - Silicon Touch Technology Inc.


DM135B Product details

General Description

The DM134B、DM135B are constant current drivers specifically designed for LED display applications. The value of constant current can be varied using an external resistor. The devices include a 16-bit shift register, latches, and constant current drivers on a single Silicon CMOS chip.



Features

• 3.3V~5V CMOS Compatible Input

• Maximum Clock Frequency: 25MHz (Cascade Operation)

• Maximum Output Voltage: 17V

• Package: DIP24, SOP24, SSOP24, QFN32

• Package and Pin Layout: Pin layout and functionality are similar to those of the ST2221C.

                    (Each characteristic value is different.)

• Constant Current Matching: (Ta = 25°C、VDD = 5.0V)

                                         Chip-to-Chip: ± 10.0%

                                         Bit-to-Bit:

                                             DM134B:± 4.0% @ IOUT = 30 ~ 90mA

                                                         ± 6.0% @ IOUT = 20 ~ 30mA

                                             DM135B:± 4.0% @ IOUT = 20 ~ 60mA

                                                         ± 6.0% @ IOUT = 5 ~ 20mA



 




Similar Part No. - DM135B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM135B ETC-DM135B Datasheet
255Kb / 19P
16 BIT CONSTANT CURRENT LED DRIVERS WITH 3.3V-5V SUPPLY VOLTAGE
More results


Similar Description - DM135B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
16 BIT CONSTANT CURRENT LED DRIVERS
DM134B ETC-DM134B Datasheet
255Kb / 19P
16 BIT CONSTANT CURRENT LED DRIVERS WITH 3.3V-5V SUPPLY VOLTAGE
DM115 ETC1-DM115 Datasheet
232Kb / 17P
8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
Toshiba Semiconductor
TB62726AFNA TOSHIBA-TB62726AFNA Datasheet
149Kb / 12P
16-bit constant current LED driver with operating supply of 3.3V to 5V
logo
List of Unclassifed Man...
DM141 ETC2-DM141 Datasheet
373Kb / 16P
8x2-Bit Constant Current LED Drivers
logo
Silicon Touch Technolog...
DM134 SITI-DM134 Datasheet
298Kb / 20P
16-Bit Constant Current LED Drivers
DM115B SITI-DM115B Datasheet
239Kb / 17P
8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
DM114 SITI-DM114 Datasheet
304Kb / 26P
8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
16-CHANNEL CONSTANT Current LED Drivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com