Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M93 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

M93 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # M93
Download  M93 Download
File Size   128.02 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Triple-Balanced Mixer

M93 Datasheet (PDF)

Go To PDF Page Download Datasheet
M93 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # M93
Download  M93 Click to download

File Size   128.02 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Triple-Balanced Mixer

M93 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


M93 Product details

Description
M93 is a triple balanced mixer, designed for use in military, commercial and test equipment applications. The design utilizes Schottky ring quad diodes and broadband soft dielectric baluns to attain excellent performance. The use of high temperature solder assembly processes used internally makes it ideal for use in manual, semi-automated assembly. Environmental screening available to MIL-STD-883, MIL-STD-202 or MIL-DTL-28837, consult factory.

Features
• LO 2 TO 18 GHz
• RF 2 TO 18 GHz
• IF 0.03 TO 4 GHz
• LO DRIVE: +10 dBm (NOMINAL)
• WIDE BANDWIDTH




Similar Part No. - M93

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M93 MACOM-M93 Datasheet
411Kb / 3P
Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
M93 MA-COM-M93 Datasheet
643Kb / 4P
Triple-Balanced Mixer
logo
Keysight Technologies
M9300A KEYSIGHT-M9300A Datasheet
337Kb / 3P
PXI Switchable-Input Programmable Step Attenuator Module,DC to 50 GHz
M9300A KEYSIGHT-M9300A Datasheet
1Mb / 10P
M9300A PXIe Frequency Reference
M9300A KEYSIGHT-M9300A Datasheet
1Mb / 10P
M9309A PXIe Vector Network Analyzer Synthesizer
More results


Similar Description - M93

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M52 MACOM-M52 Datasheet
513Kb / 3P
Triple-Balanced Mixer
M83 MACOM-M83 Datasheet
424Kb / 3P
Triple-Balanced Mixer
MY50A MACOM-MY50A Datasheet
395Kb / 3P
Triple-Balanced Mixer
MY87C MACOM-MY87C Datasheet
401Kb / 3P
Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
M50C MA-COM-M50C Datasheet
1Mb / 3P
Triple-Balanced Mixer
M52C MA-COM-M52C Datasheet
1Mb / 3P
Triple-Balanced Mixer
MY51C MA-COM-MY51C Datasheet
163Kb / 3P
Triple-Balanced Mixer
MY87C MA-COM-MY87C Datasheet
157Kb / 3P
Triple-Balanced Mixer
MZ5010C MA-COM-MZ5010C Datasheet
152Kb / 3P
Triple-Balanced Mixer
MZ8810C MA-COM-MZ8810C Datasheet
139Kb / 3P
Triple-Balanced Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com