Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA81 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

CA81 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # CA81
Download  CA81 Download
File Size   1341.29 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 20 to 250 MHz

CA81 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA81 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # CA81
Download  CA81 Click to download

File Size   1341.29 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 20 to 250 MHz

CA81 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


CA81 Product details

Description
The A81 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
The 2 stage silicon bipolar feedback amplifier design displays impressive performance over a broadband frequency range. An isolation transformer is used in the feedback loop, with the benefit of high reverse isolation.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• HIGH REVERSE ISOLATION: >30 dB (TYP.)
• HIGH GAIN: 26 dB (TYP.)
• HIGH LEVEL OUTPUT: +17 dBm (TYP.)
• LOW NOISE: 2.6 dB (TYP.)




Similar Part No. - CA81

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CA81 MACOM-CA81 Datasheet
381Kb / 2P
Cascadable Amplifier 20 to 250 MHz
logo
M/A-COM Technology Solu...
CA81 MA-COM-CA81 Datasheet
644Kb / 3P
Cascadable Amplifier
logo
Bel Fuse Inc.
CA81-020M-01 BEL-CA81-020M-01 Datasheet
506Kb / 1P
Category 8.1 Patch Cords
logo
Tyco Electronics
CA81-1 MACOM-CA81-1 Datasheet
401Kb / 2P
Cascadable Amplifier 20 to 250 MHz
logo
M/A-COM Technology Solu...
CA81-1 MA-COM-CA81-1 Datasheet
626Kb / 3P
Cascadable Amplifier
More results


Similar Description - CA81

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A70-3 MACOM-A70-3 Datasheet
107Kb / 1P
20 TO 250 MHz CASCADABLE AMPLIFIER
A81 MACOM-A81 Datasheet
106Kb / 1P
20 TO 250 MHz CASCADABLE AMPLIFIER
A81-1 MACOM-A81-1_1 Datasheet
401Kb / 2P
Cascadable Amplifier 20 to 250 MHz
A82-1 MACOM-A82-1_1 Datasheet
383Kb / 2P
Cascadable Amplifier 20 to 250 MHz
A82 MACOM-A82_1 Datasheet
382Kb / 2P
Cascadable Amplifier 20 to 250 MHz
A83-1 MACOM-A83-1_1 Datasheet
377Kb / 2P
Cascadable Amplifier 20 to 250 MHz
logo
M/A-COM Technology Solu...
A70-3 MA-COM-A70-3 Datasheet
1Mb / 2P
Cascadable Amplifier 20 to 250 MHz
A82-1 MA-COM-A82-1 Datasheet
1Mb / 2P
Cascadable Amplifier 20 to 250 MHz
A82 MA-COM-A82 Datasheet
1Mb / 2P
Cascadable Amplifier 20 to 250 MHz
A82 MA-COM-A82_15 Datasheet
646Kb / 3P
Cascadable Amplifier 20 to 250 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com