Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC309 Datasheet (PDF) - Toshiba Semiconductor

SC309 Datasheet PDF - Toshiba Semiconductor
Part # SC309
Download  SC309 Download
File Size   208.83 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (VHF ~ UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)

SC309 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC309 Datasheet PDF - Toshiba Semiconductor

Part # SC309
Download  SC309 Click to download

File Size   208.83 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (VHF ~ UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)

SC309 Datasheet (HTML) - Toshiba Semiconductor


SC309 Product details

VHF~UHF Band Low Noise Amplifier Applications



• Low noise figure

• NF = 1.7dB, |S21e|2 = 15dB (f = 500 MHz)

• NF = 2.5dB, |S21e|2 = 9.5dB (f = 1 GHz)



 




Similar Part No. - SC309

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
SC309 SAVANTIC-SC309 Datasheet
196Kb / 4P
Silicon NPN Power Transistors
logo
Sanyo Semicon Device
SC309 SANYO-SC309 Datasheet
102Kb / 3P
For Switching Regulators
logo
Savantic, Inc.
SC309 SAVANTIC-SC309 Datasheet
125Kb / 3P
Silicon NPN Power Transistors
SC309 SAVANTIC-SC309 Datasheet
123Kb / 3P
Silicon NPN Power Transistors
logo
List of Unclassifed Man...
SC309 ETC-SC309 Datasheet
60Kb / 1P
NPN Triple Diffused Planar Silicon Transistor
More results


Similar Description - SC309

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2753 TOSHIBA-2SC2753 Datasheet
219Kb / 3P
TRANSISTOR (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
09-May-1997
MT4S04A TOSHIBA-MT4S04A Datasheet
109Kb / 2P
VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS
11-Sep-2000
MT4S03A TOSHIBA-MT4S03A_07 Datasheet
107Kb / 3P
VHF~UHF Band Low Noise Amplifier Applications
MT4S07 TOSHIBA-MT4S07_07 Datasheet
159Kb / 3P
VHF~UHF Band Low Noise Amplifier Applications
MT6L77FS TOSHIBA-MT6L77FS Datasheet
106Kb / 3P
VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS
MT6L71FS TOSHIBA-MT6L71FS Datasheet
106Kb / 3P
VHF~UHF Band Low-Noise Amplifier Applications
MT6L63FS TOSHIBA-MT6L63FS Datasheet
106Kb / 3P
VHF~UHF Band Low-Noise Amplifier Applications
MT6L58AFS TOSHIBA-MT6L58AFS Datasheet
110Kb / 3P
VHF~UHF Band Low-Noise Amplifier Applications
MT6L04AE TOSHIBA-MT6L04AE_07 Datasheet
110Kb / 3P
VHF~UHF Band Low Noise Amplifier Applications
MT6C04AE TOSHIBA-MT6C04AE_07 Datasheet
117Kb / 3P
VHF~UHF Band Low Noise Amplifier Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com