Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC92031 Datasheet (PDF) - Silan Microelectronics Joint-stock

SC92031 Datasheet PDF - Silan Microelectronics Joint-stock
Part # SC92031
Download  SC92031 Download
File Size   476.56 Kbytes
Page   38 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 10/100 MBPS INTEGRATED PCI ETHERNET MEDIA ACCESS CONTROLLER AND PHYSICAL LAYER

SC92031 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC92031 Datasheet PDF - Silan Microelectronics Joint-stock

Part # SC92031
Download  SC92031 Click to download

File Size   476.56 Kbytes
Page   38 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 10/100 MBPS INTEGRATED PCI ETHERNET MEDIA ACCESS CONTROLLER AND PHYSICAL LAYER

SC92031 Datasheet (HTML) - Silan Microelectronics Joint-stock


SC92031 Product details

DESCRIPTION
The  SC92031  is  a  highly-integrated  and  cost-effective  single-chip Fast  Ethernet  NIC  controller.  It  fully  complies  with  PCI  2.2  and  IEEE 802.3u 100Base-T specifications. It supports both half-duplex and full - duplex operation, as well as for full-duplex flow control. It also supports Advanced  Configuration  Power  management  Interface  (ACPI),  PCI power management and remote wake-up events including AMD Magic Packet, Link Change, and Microsoft® wake-up frame.

FEATURES
* Integrated Fast Ethernet MAC, Physical layer and transceiver in one chip
* 10 Mbps and 100 Mbps data rates
* Both half duplex and full duplex available
* IEEE 802.3 compliant Auto-Negotiation
* Supports PCI multi-function capabilities
* PCI local bus
    ➤ Compliant to PCI Revision 2.2
    ➤ Supports PCI clock 15 MHz-40 MHz
    ➤ Supports PCI target fast back-to-back transaction
    ➤ Provides PCI bus master data transfers and PCI memory space or I/O space mapped data transfers of SC92031s operational registers
    ➤ Supports PCI VPD (Vital Product Data)
    ➤  Supports ACPI 1.0 and PCI power management Ver.1.1 compliant
    ➤  Supports PCI multi-function to incorporate with other PCI master device
* Supports 25MHz crystal or 25MHz OSC as the internal clock source.
* Compliant to PC99 and PC2001 standards
* Supports Wake-On-LAN function and remote wake-up (Magic Packet*, Link Change and Microsoft® wake-up frame)
* Supports 4 Wake-On-LAN (WOL) signals (active high, active low, positive pulse, and negative pulse)
* Supports auxiliary power auto-detect, and sets the related capability of power management registers in PCI configuration space
* Includes a programmable, PCI burst size and early Tx/Rx threshold
*  Supports  a  32-bit  general-purpose  timer  with  the  external  PCI  clock  as  clock  source,  to  generate  timerinterrupt
* Contains two large (2Kbyte) independent receive and transmit FIFOs
* Advanced power saving mode when LAN function or wakeup function is not used
* Uses serial EEPROM to store resource configuration, ID parameter, and VPD data
* Extensive LED status support
* Supports loop back capability
* Supports Full Duplex Flow Control
* Low-power 0.25u CMOS technology
* 3.3V power supply with 5V tolerant I/Os
* 100-pin QFP/LQFP package
* Third-party brands and names are the property of their respective owners.

APPLICATIONS
*  10/100Mbps  PCI  fast  Ethernet adaptor




Similar Part No. - SC92031

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC9200 ETC-SC9200 Datasheet
124Kb / 9P
DTMF GENERATORS
logo
Silan Microelectronics ...
SC9200 SILAN-SC9200 Datasheet
194Kb / 9P
DTMF GENERATOR WITH MICROPROCESSOR
logo
List of Unclassifed Man...
SC9200A ETC-SC9200A Datasheet
124Kb / 9P
DTMF GENERATORS
logo
Silan Microelectronics ...
SC9200A SILAN-SC9200A Datasheet
194Kb / 9P
DTMF GENERATOR WITH MICROPROCESSOR
SC9200AS SILAN-SC9200AS Datasheet
194Kb / 9P
DTMF GENERATOR WITH MICROPROCESSOR
More results


Similar Description - SC92031

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9161 ETC-DM9161 Datasheet
561Kb / 47P
10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
logo
National Semiconductor ...
DP83815 NSC-DP83815 Datasheet
779Kb / 108P
10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
DP83816 NSC-DP83816 Datasheet
1Mb / 105P
DP83816 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPHYTER-II)
DP83816 NSC-DP83816 Datasheet
814Kb / 106P
10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPHYTER-II )
logo
Texas Instruments
DP83816EX TI1-DP83816EX Datasheet
843Kb / 108P
DP83816EX 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter-II)Extended Temperature Range 0 to 85 Degrees C
DP83816AVNG-NOPB TI1-DP83816AVNG-NOPB Datasheet
854Kb / 109P
10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter-II)
DP83816AVNG TI1-DP83816AVNG Datasheet
853Kb / 108P
DP83816 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer
DP83816 TI1-DP83816 Datasheet
1Mb / 112P
10/100 Mb/s Integrated PCI Ethernet Media Access Controller
DP83815 TI1-DP83815_11 Datasheet
969Kb / 110P
10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
DP83825I TI1-DP83825I Datasheet
861Kb / 78P
Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com