Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC2240 Datasheet (PDF) - Toshiba Semiconductor

2SC2240 Datasheet PDF - Toshiba Semiconductor
Part # 2SC2240
Download  2SC2240 Download
File Size   226.3 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (LOW NOISE AUDIO AMPLIFIER APPLICATIONS)

2SC2240 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2240 Datasheet PDF - Toshiba Semiconductor

Part # 2SC2240
Download  2SC2240 Click to download

File Size   226.3 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (LOW NOISE AUDIO AMPLIFIER APPLICATIONS)

2SC2240 Datasheet (HTML) - Toshiba Semiconductor


2SC2240 Product details

Low Noise Audio Amplifier Applications

The 2SC2240 is a transistor for low frequency and low noise applications. This device is designed tolower noise figure in the region of low signal source impedance, and tolower the pulse noise. This is recommended for the first stages of Equalizer amplifiers.
​​​​​​​
•  Low noise : NF = 4dB (typ.) RG= 100 Ω, VCE= 6 V, IC= 100 μA,   f = 1 kHz
                     : NF = 0.5dB (typ.) RG= 1 kΩ, VCE= 6 V, IC= 100 μA,   f = 1 kHz
•  Low pulse noise: Low 1/f noise
•  High DC current gain: hFE= 200~700
•  High breakdown voltage: VCEO= 120 V




Similar Part No. - 2SC2240

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2240 TOSHIBA-2SC2240 Datasheet
691Kb / 5P
Silicon NPN Epitaxial Type (PCT process)
2SC2240 TOSHIBA-2SC2240 Datasheet
314Kb / 5P
Low Noise Audio Amplifier Applications
logo
Foshan Blue Rocket Elec...
2SC2240 FOSHAN-2SC2240 Datasheet
752Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
logo
Nanjing International G...
2SC2240 DGNJDZ-2SC2240 Datasheet
1Mb / 6P
T0-92 Plastic-Encapsulate Transistors
logo
Toshiba Semiconductor
2SC2240-GR TOSHIBA-2SC2240-GR Datasheet
314Kb / 5P
Low Noise Audio Amplifier Applications
More results


Similar Description - 2SC2240

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1312 TOSHIBA-2SA1312 Datasheet
215Kb / 3P
TRANSISTOR (AUDIO FREQUENCY LOW NOISE AMPLIFIER APPLICATIONS)
2SA970 TOSHIBA-2SA970 Datasheet
213Kb / 3P
TRANSISTOR (LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
2SC2458L TOSHIBA-2SC2458L Datasheet
211Kb / 3P
TRANSISTOR (AUDIO, LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
2SJ74 TOSHIBA-2SJ74_07 Datasheet
663Kb / 5P
Low Noise Audio Amplifier Applications
2SA970 TOSHIBA-2SA970_07 Datasheet
629Kb / 4P
Low Noise Audio Amplifier Applications
logo
New Jersey Semi-Conduct...
2SA970 NJSEMI-2SA970 Datasheet
66Kb / 1P
LOW NOISE AUDIO AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA970-BL TOSHIBA-2SA970-BL Datasheet
267Kb / 4P
Low Noise Audio Amplifier Applications
2SK170-GR TOSHIBA-2SK170-GR Datasheet
320Kb / 5P
Low Noise Audio Amplifier Applications
2SK184-GR TOSHIBA-2SK184-GR Datasheet
320Kb / 4P
Low Noise Audio Amplifier Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com