Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBPC3502W Datasheet (PDF) - SEMTECH ELECTRONICS LTD.

KBPC3502W Datasheet PDF - SEMTECH ELECTRONICS LTD.
Part # KBPC3502W
Download  KBPC3502W Download
File Size   581.31 Kbytes
Page   2 Pages
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.
Description HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS

KBPC3502W Datasheet (PDF)

Go To PDF Page Download Datasheet
KBPC3502W Datasheet PDF - SEMTECH ELECTRONICS LTD.

Part # KBPC3502W
Download  KBPC3502W Click to download

File Size   581.31 Kbytes
Page   2 Pages
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.
Description HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS

KBPC3502W Datasheet (HTML) - SEMTECH ELECTRONICS LTD.


KBPC3502W Product details

REVERSE VOLTAGE: 50 to 1000 V FORWARD CURRENT: 35 A

Features
• Electrically isolated metal case for maximum heat dissipation
• Surge overload ratings to 500 A
• Low power loss, high efficiency
• Low reverse leakage current
• Case to terminal isolation voltage 2500 V
• UL recognized file # E-216968




Similar Part No. - KBPC3502W

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC3502W WTE-KBPC3502W Datasheet
52Kb / 4P
15,25,35A HIGH CURRENT BRIDGE RECTIFIER
logo
Dc Components
KBPC3502W DCCOM-KBPC3502W Datasheet
423Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Diotec Semiconductor
KBPC3502W DIOTEC-KBPC3502W Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
logo
EIC discrete Semiconduc...
KBPC3502W EIC-KBPC3502W Datasheet
36Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Won-Top Electronics
KBPC3502W WTE-KBPC3502W Datasheet
54Kb / 4P
35A SINGLE-PHASE BRIDGE RECTIFIER
More results


Similar Description - KBPC3502W

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
KBPC50005W SEMTECH_ELEC-KBPC50005W Datasheet
578Kb / 2P
HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBPC10005 SEMTECH_ELEC-KBPC10005 Datasheet
332Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBL005 SEMTECH_ELEC-KBL005 Datasheet
259Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBPC15005 SEMTECH_ELEC-KBPC15005 Datasheet
274Kb / 2P
HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBPC25005 SEMTECH_ELEC-KBPC25005 Datasheet
273Kb / 2P
HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBPC35005 SEMTECH_ELEC-KBPC35005 Datasheet
273Kb / 2P
HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBPC50005 SEMTECH_ELEC-KBPC50005 Datasheet
261Kb / 2P
HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIERS
logo
Rugao Dachang Electroni...
GBP201G DACHANG-GBP201G Datasheet
278Kb / 2P
Single phase Silicon Bridge Rectifiers
GBP301G DACHANG-GBP301G Datasheet
284Kb / 2P
Single phase Silicon Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL005 NJSEMI-KBL005 Datasheet
83Kb / 1P
SINGLE - PHASE SILICON BRIDGE RECTIFIERS
More results




About SEMTECH ELECTRONICS LTD.


Semtech Corporation is an American technology company that specializes in the design and manufacture of analog and mixed-signal semiconductors.

The company was founded in 1960 and has its headquarters in Camarillo, California.

Semtech provides a wide range of products for use in communications, computing, industrial, and consumer applications.

The company is known for its innovative technology and high-quality products, and it has a strong reputation in the semiconductor industry.

Semtech operates globally and has a presence in many countries around the world, serving customers in a variety of industries.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com