Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E121 Datasheet (PDF) - MicroPower Direct, LLC

E121 Datasheet PDF - MicroPower Direct, LLC
Part # E121
Download  E121 Download
File Size   160.15 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Isolated, Single Output Miniature, 1W SIP DC/DC Converters

E121 Datasheet (PDF)

Go To PDF Page Download Datasheet
E121 Datasheet PDF - MicroPower Direct, LLC

Part # E121
Download  E121 Click to download

File Size   160.15 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Isolated, Single Output Miniature, 1W SIP DC/DC Converters

E121 Datasheet (HTML) - MicroPower Direct, LLC


E121 Product details

Isolated, Single Output Miniature, 1W SIP DC/DC Converters



Key Features:

•1W Output Power

•Miniature SIP Case

•1,000 VDC Isolation

•Complies to RFI Standards

•>2 MHour MTBF

•20 Standard Models

•Industry Standard Pin-Out




Similar Part No. - E121

ManufacturerPart #DatasheetDescription
logo
Powerbox
E121 POWERBOX-E121 Datasheet
306Kb / 1P
1.5-3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
MORNSUN Science& Techno...
E1212D-1W MORNSUN-E1212D-1W Datasheet
135Kb / 3P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
E1212D-1W REICU-E1212D-1W Datasheet
1Mb / 1P
3000VDC Isolated 1W Double Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
E1212D-1WR2 MORNSUN-E1212D-1WR2 Datasheet
256Kb / 5P
DC/DC Converter
logo
Guangzhou Reicu Electro...
E1212D-1WR2 REICU-E1212D-1WR2 Datasheet
1Mb / 1P
3000VDC Isolated 1W Double Output SIP/DIP-Package
REV:3.1
More results


Similar Description - E121

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NKE CANDD-NKE Datasheet
173Kb / 2P
Isolated Sub-Miniature 1W Single Output DC-DC Converters
NME CANDD-NME Datasheet
120Kb / 2P
Isolated 1W Single Output DC-DC Converters
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
Single & Dual Output Miniature, 1W SIP DC/DC Converters
E200 MPD-E200 Datasheet
175Kb / 2P
Isolated, Single Output Ultra-Miniature, 2W SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NKE0303DC MURATA-NKE0303DC Datasheet
226Kb / 7P
Isolated Sub-Miniature 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TKA-A TOPPOWER-TKA-A Datasheet
432Kb / 3P
1W 3KVDC Isolated Miniature Single Output DC/DC Converters
TKA-A TOPPOWER-TKA-A_17 Datasheet
460Kb / 3P
1W 3KVDC Isolated Miniature Single Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
Isolated 1W Single Output Isolated DC-DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com