Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D228RW Datasheet (PDF) - MicroPower Direct, LLC

D228RW Datasheet PDF - MicroPower Direct, LLC
Part # D228RW
Download  D228RW Download
File Size   198.44 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Miniature SIP, 2W Wide Input Range DC/DC Converters

D228RW Datasheet (PDF)

Go To PDF Page Download Datasheet
D228RW Datasheet PDF - MicroPower Direct, LLC

Part # D228RW
Download  D228RW Click to download

File Size   198.44 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Miniature SIP, 2W Wide Input Range DC/DC Converters

D228RW Datasheet (HTML) - MicroPower Direct, LLC


D228RW Product details

Miniature SIP, 2W Wide Input Range DC/DC Converters



Key Features:

•2W Output Power

•2:1 Input Voltage Range

•1,000 VDC Isolation

•Short Circuit Protected

•Miniature SIP Case

•Single & Dual Outputs

•2.7 MH MTBF

•Industry Standard Pin-Out




Similar Part No. - D228RW

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D2282UK SEME-LAB-D2282UK Datasheet
18Kb / 2P
METAL GATE RF SILICON FET
logo
MicroPower Direct, LLC
D228E MPD-D228E Datasheet
181Kb / 2P
Low Cost, 2W SIP Single & Dual Output DC/DC Converters
D228EI MPD-D228EI Datasheet
168Kb / 2P
Low Cost, 2W SIP High Isolation DC/DC Converters
D228ERW MPD-D228ERW Datasheet
188Kb / 2P
Low Cost, Miniature 2W SIP, Wide Input DC/DC Con vert ers
More results


Similar Description - D228RW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D221I ETC1-D221I Datasheet
97Kb / 2P
High Isolation Miniature, 2W SIP DC/DC Converters
D221RW ETC1-D221RW Datasheet
70Kb / 2P
Miniature SIP, 2W Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MEW1000 MINMAX-MEW1000 Datasheet
187Kb / 8P
2W, Wide Input Range SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D200ERU MPD-D200ERU Datasheet
205Kb / 2P
Low Cost, 4:1 Input Miniature, 2W SIP DC/DC Converters
D200I MPD-D200I Datasheet
197Kb / 2P
High Isolation Miniature, 2W SIP DC/DC Converters
D200RU MPD-D200RU Datasheet
223Kb / 2P
Miniature SIP, 2W Ultra-Wide 4:1 Input DC/DC Converters
G200RW MPD-G200RW Datasheet
164Kb / 2P
Compact MiniDIP, 2W Wide Input Range DC/DC Converters
LF200RW MPD-LF200RW Datasheet
174Kb / 2P
Miniature SMT, 2W Wide Input Range DC/DC Converters
MD200MEHI MPD-MD200MEHI Datasheet
439Kb / 3P
Miniature, 2W SIP Medical Approved DC/DC Converters
MH200RW MPD-MH200RW Datasheet
400Kb / 2P
Wide Input, 2W Ultra-Miniature DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com