Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D138 Datasheet (PDF) - MicroPower Direct, LLC

D138 Datasheet PDF - MicroPower Direct, LLC
Part # D138
Download  D138 Download
File Size   200.56 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Single & Dual Output Miniature, 1W SIP DC/DC Converters

D138 Datasheet (PDF)

Go To PDF Page Download Datasheet
D138 Datasheet PDF - MicroPower Direct, LLC

Part # D138
Download  D138 Click to download

File Size   200.56 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Single & Dual Output Miniature, 1W SIP DC/DC Converters

D138 Datasheet (HTML) - MicroPower Direct, LLC




Similar Part No. - D138

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
D1381S45T EUPEC-D1381S45T Datasheet
51Kb / 4P
Schnelle Gleichrichterdiode
logo
Rohm
D1384 ROHM-D1384 Datasheet
195Kb / 2P
TRANSISTORS TO 92L TO-92LS MRT
logo
Tyco Electronics
D13880-000 MACOM-D13880-000 Datasheet
607Kb / 11P
14mm Series Metal Oxide Varistors
logo
MicroPower Direct, LLC
D138ERW MPD-D138ERW Datasheet
185Kb / 2P
Low Cost, Miniature 1W SIP, Wide Input DC/DC Converters
D138I MPD-D138I Datasheet
201Kb / 2P
High Isolation Miniature, 1W SIP DC/DC Converters
More results


Similar Description - D138

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D221 ETC1-D221 Datasheet
91Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
MAU200 MINMAX-MAU200 Datasheet
217Kb / 6P
1W, High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D100E MPD-D100E Datasheet
183Kb / 2P
Low Cost, 1W SIP Single & Dual Output DC/DC Converters
D200 MPD-D200 Datasheet
219Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
DM100E MPD-DM100E Datasheet
217Kb / 2P
UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
E100 MPD-E100 Datasheet
160Kb / 2P
Isolated, Single Output Miniature, 1W SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
ADC200 MPSIND-ADC200 Datasheet
174Kb / 2P
1W, High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI100DI5.7 MPD-MHI100DI5.7 Datasheet
662Kb / 3P
High Isolation, 1W SIP Single & Dual Output DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com