Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A323R Datasheet (PDF) - MicroPower Direct, LLC

A323R Datasheet PDF - MicroPower Direct, LLC
Part # A323R
Download  A323R Download
File Size   93.04 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Compact, Regulated, 3W Single & Dual Output DC/DC Converters

A323R Datasheet (PDF)

Go To PDF Page Download Datasheet
A323R Datasheet PDF - MicroPower Direct, LLC

Part # A323R
Download  A323R Click to download

File Size   93.04 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Compact, Regulated, 3W Single & Dual Output DC/DC Converters

A323R Datasheet (HTML) - MicroPower Direct, LLC




Similar Part No. - A323R

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A323RI MPD-A323RI Datasheet
80Kb / 2P
High Isolation, 2W & 3W Single & Dual Output DC/DC Converters
A323RW MPD-A323RW Datasheet
166Kb / 2P
Wide Input Range, 3W Single & Dual Output DC/DC Converters
More results


Similar Description - A323R

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DCW03 MEANWELL-DCW03 Datasheet
210Kb / 1P
3W DC-DC Regulated Dual Output Converter
SCW03 MEANWELL-SCW03 Datasheet
216Kb / 1P
3W DC-DC Regulated Single Output Converter
SPB03 MEANWELL-SPB03 Datasheet
195Kb / 1P
3W DC-DC Regulated Single Output Converter
logo
Murata Manufacturing Co...
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
Isolated 3W Single Output DC/DC Converters
logo
MicroPower Direct, LLC
A200R MPD-A200R Datasheet
94Kb / 2P
Compact, Regulated, 2W Single & Dual Output DC/DC Converters
logo
Mean Well Enterprises C...
DCW03 MEANWELL-DCW03_11 Datasheet
211Kb / 1P
3W DC-DC Regulated Dual Output Converter
SCW03 MEANWELL-SCW03_11 Datasheet
218Kb / 1P
3W DC-DC Regulated Single Output Converter
SPB03 MEANWELL-SPB03_11 Datasheet
197Kb / 1P
3W DC-DC Regulated Single Output Converter
logo
Murata Manufacturing Co...
NDH2415SC MURATA-NDH2415SC Datasheet
113Kb / 4P
Isolated 3W Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPH-3W TOPPOWER-TPH-3W Datasheet
834Kb / 4P
3W 3KVDC Isolated Single & Dual Output DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com