Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB1506S Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

DB1506S Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # DB1506S
Download  DB1506S Download
File Size   111.17 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 1.5 Amp Surface Mount Bridge Rectifiers

DB1506S Datasheet (PDF)

Go To PDF Page Download Datasheet
DB1506S Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # DB1506S
Download  DB1506S Click to download

File Size   111.17 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 1.5 Amp Surface Mount Bridge Rectifiers

DB1506S Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


DB1506S Product details

VOLTAGE 50 V ~ 1000 V 1.5 Amp Surface Mount Bridge Rectifiers



FEATURES

Low forward voltage drop, high current capability

Rating to 1000V PRV

Ideal for printed circuit board

Reliable low cost construction utilizing molded plastic technique results in inexpensive products

Lead tin Pb / Sn copper

The plastic material has UL flammability classification 94V-0




Similar Part No. - DB1506S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DB1506S SECOS-DB1506S Datasheet
155Kb / 2P
1.5 Amp Surface Mount Bridge Rectifiers
DB1506S SECOS-DB1506S Datasheet
176Kb / 2P
Surface Mount Bridge Rectifiers
More results


Similar Description - DB1506S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DB1501 SECOS-DB1501 Datasheet
729Kb / 2P
1.5 Amp Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_10 Datasheet
155Kb / 2P
1.5 Amp Surface Mount Bridge Rectifiers
logo
Goodwork Semiconductor ...
DB151 GWSEMI-DB151 Datasheet
63Kb / 2P
SINGLE PHASE 1.5 AMP SURFACE MOUNT BRIDGE RECTIFIERS
DB151S GWSEMI-DB151S Datasheet
66Kb / 2P
SINGLE PHASE 1.5 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
DB1501 SECOS-DB1501_15 Datasheet
343Kb / 2P
1.5 Amp Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_15 Datasheet
107Kb / 2P
1.5 Amp Surface Mount Bridge Rectifiers
MD151S SECOS-MD151S_15 Datasheet
384Kb / 2P
1.5 Amp Surface Mount Bridge Rectifiers
logo
Nanjing International G...
DB151GS DGNJDZ-DB151GS Datasheet
112Kb / 2P
SINGLE PHASE 1.5 AMP SURFACE MOUNT BRIDGE RECTIFIERS
DB151GS-DB157GS DGNJDZ-DB151GS-DB157GS Datasheet
150Kb / 2P
SINGLE PHASE 1.5 AMP SURFACE MOUNT BRIDGE RECTIFIERS
DB151G DGNJDZ-DB151G Datasheet
193Kb / 2P
SINGLE PHASE 1.5 AMP SURFACE MOUNT BRIDGE RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com