Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC558C Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

BC558C Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # BC558C
Download  BC558C Download
File Size   313.16 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Elektronische Bauelemente

BC558C Datasheet (PDF)

Go To PDF Page Download Datasheet
BC558C Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # BC558C
Download  BC558C Click to download

File Size   313.16 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Elektronische Bauelemente

BC558C Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


BC558C Product details

FEATURES

Power dissipation

    PCM:            0.625 W (Tamb=25℃)

Collector current

    ICM:               -0.1 A

Collector-base voltage

    VCBO:       BC556  -80   V

                   BC557  -50   V

                   BC558  -30   V

Operating and storage junction temperature range

    TJ, Tstg: -55℃to +150℃




Similar Part No. - BC558C

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC558C SIEMENS-BC558C Datasheet
213Kb / 6P
PNP SILICON TRANSISTORS
logo
Diotec Semiconductor
BC558C DIOTEC-BC558C Datasheet
144Kb / 2P
Si-Epitaxial PlanarTransistors
logo
ON Semiconductor
BC558C ONSEMI-BC558C Datasheet
107Kb / 8P
Amplifier Transistors
June, 2000 ??Rev. 1
logo
Weitron Technology
BC558C WEITRON-BC558C Datasheet
2Mb / 5P
PNP General Purpose Transistor
logo
ON Semiconductor
BC558C ONSEMI-BC558C Datasheet
77Kb / 7P
Amplifier Transistors PNP Silicon
September, 2005 ??Rev. 2
More results


Similar Description - BC558C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BC546 SECOS-BC546 Datasheet
183Kb / 3P
Elektronische Bauelemente
3DD13003B SECOS-3DD13003B Datasheet
523Kb / 2P
NPN Plastic-Encapsulated Elektronische Bauelemente Transistor
2SD1271A SECOS-2SD1271A_15 Datasheet
595Kb / 2P
NPN Plastic-Encapsulated Elektronische Bauelemente Transistor
BC212 SECOS-BC212_15 Datasheet
72Kb / 1P
PNP Plastic Encapsulated Elektronische Bauelemente Transistor
BC556 SECOS-BC556_15 Datasheet
314Kb / 3P
Elektronische Bauelemente
BC846A SECOS-BC846A_15 Datasheet
307Kb / 3P
Elektronische Bauelemente
BC856A SECOS-BC856A_15 Datasheet
263Kb / 3P
Elektronische Bauelemente
BC856AW SECOS-BC856AW_15 Datasheet
449Kb / 5P
Elektronische Bauelemente
BCPA1666 SECOS-BCPA1666_15 Datasheet
78Kb / 1P
PNP Plastic Encapsulated Elektronische Bauelemente Transistor
KTC1027 SECOS-KTC1027_15 Datasheet
57Kb / 1P
NPN Plastic Encapsulated Elektronische Bauelemente Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com