Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2SB80 Datasheet (PDF) - MIC GROUP RECTIFIERS

G2SB80 Datasheet PDF - MIC GROUP RECTIFIERS
Part # G2SB80
Download  G2SB80 Download
File Size   55.43 Kbytes
Page   2 Pages
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS
Description GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER

G2SB80 Datasheet (PDF)

Go To PDF Page Download Datasheet
G2SB80 Datasheet PDF - MIC GROUP RECTIFIERS

Part # G2SB80
Download  G2SB80 Click to download

File Size   55.43 Kbytes
Page   2 Pages
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS
Description GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER

G2SB80 Datasheet (HTML) - MIC GROUP RECTIFIERS


G2SB80 Product details

VOLTAGE RANGE 200 to 1000 Volts

CURRENT 1.5 Amperes



FEATURES

· Plastic package has Underwriters Laboratory

  Flammability Glassification 94V-0

· Glass passivated chip junction

· High case dielectric strength

· Typical IR less than 0.1 A

· High surge current capability

· Ideal for printed circuit boards

· High temperature soldering guaranteed: 260℃/10 seconds, 0.375”(9.5mm) lead length 5lbs.(2.3kg) tension



 




Similar Part No. - G2SB80

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
G2SB80 VISHAY-G2SB80 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Gulf Semiconductor
G2SB80 GULFSEMI-G2SB80 Datasheet
163Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 1.5A
logo
Vishay Siliconix
G2SB80 VISHAY-G2SB80 Datasheet
26Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
G2SB80 VISHAY-G2SB80 Datasheet
1Mb / 62P
Glass Passivated Single-Phase Bridge Rectifier
16-Aug-13
G2SB80 VISHAY-G2SB80 Datasheet
92Kb / 4P
Glass Passivated Single-Phase Bridge Rectifier
05-May-2021
More results


Similar Description - G2SB80

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G GE-2W005G Datasheet
123Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBU4A GE-GBU4A Datasheet
88Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com