Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE182 Datasheet (PDF) - Mospec Semiconductor

MJE182 Datasheet PDF - Mospec Semiconductor
Part # MJE182
Download  MJE182 Download
File Size   228.62 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(3.0A,40-80V,12.5W)

MJE182 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE182 Datasheet PDF - Mospec Semiconductor

Part # MJE182
Download  MJE182 Click to download

File Size   228.62 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(3.0A,40-80V,12.5W)

MJE182 Datasheet (HTML) - Mospec Semiconductor


MJE182 Product details

COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS




Similar Part No. - MJE182

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE182 MOTOROLA-MJE182 Datasheet
172Kb / 4P
3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
logo
ON Semiconductor
MJE182 ONSEMI-MJE182 Datasheet
172Kb / 4P
POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 2
logo
STMicroelectronics
MJE182 STMICROELECTRONICS-MJE182 Datasheet
54Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Sep-1998
logo
Fairchild Semiconductor
MJE182 FAIRCHILD-MJE182 Datasheet
48Kb / 4P
Low Power Audio Amplifier Low Current High Speed Switching Applications
logo
STMicroelectronics
MJE182 STMICROELECTRONICS-MJE182 Datasheet
52Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Sep-2003
More results


Similar Description - MJE182

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SB507 MOSPEC-2SB507 Datasheet
112Kb / 3P
POWER TRANSISTORS(3.0A,60V,30W)
2SB596 MOSPEC-2SB596 Datasheet
119Kb / 3P
POWER TRANSISTORS(4.0A,80V,30W)
logo
Rohm
2SAR544P ROHM-2SAR544P_09 Datasheet
243Kb / 5P
Midium Power Transistors (-80V / -2.5A)
2SAR554P ROHM-2SAR554P_09 Datasheet
244Kb / 5P
Midium Power Transistors (-80V / -1.5A)
2SAR514R ROHM-2SAR514R Datasheet
372Kb / 6P
Midium Power Transistors (-80V / -0.7A)
2SCR514R ROHM-2SCR514R Datasheet
347Kb / 6P
Midium Power Transistors (80V / 0.7A)
2SAR544D ROHM-2SAR544D Datasheet
408Kb / 6P
Midium Power Transistors (-80V / -2.5A)
2SCR554R ROHM-2SCR554R Datasheet
442Kb / 6P
Midium Power Transistors (80V / 1.5A)
RSQ030N08HZG ROHM-RSQ030N08HZG Datasheet
2Mb / 15P
Nch 80V 3.0A Small Signal MOSFET
logo
ETA-USA
VTM01C12 ETA-USA-VTM01C12 Datasheet
5Mb / 3P
12.5W Isolated Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com