Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA45CA Datasheet (PDF) - MDE Semiconductor, Inc.

SA45CA Datasheet PDF - MDE Semiconductor, Inc.
Part # SA45CA
Download  SA45CA Download
File Size   63.1 Kbytes
Page   3 Pages
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR

SA45CA Datasheet (PDF)

Go To PDF Page Download Datasheet
SA45CA Datasheet PDF - MDE Semiconductor, Inc.

Part # SA45CA
Download  SA45CA Click to download

File Size   63.1 Kbytes
Page   3 Pages
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR

SA45CA Datasheet (HTML) - MDE Semiconductor, Inc.


SA45CA Product details

VOLTAGE-5.0 TO 180.0 Volts
500 Watt Peak Pulse Power

FEATURES
• Plastic package has Underwriters Laboratory
   Flammability Classification 94 V-O
• Glass passivated junction
• 500W Peak Pulse Power
   capability on 10/1000 µs waveform
• Glass passivated junction
• Low incremental surge resistance
• Excellent clamping capability
• Repetition rate (duty cycle): 0.01%
• Fast response time: typically less than
   1.0 ps from 0 volts to BV for unidirectional and 5.0ns for
   bidirectional and 5.0ns for bi directional
• Typical IR less than 1µA above 10V
• High temperature soldering guaranteed:
   300°C/10 seconds/ .375", (9.5mm) lead
   length, 5lbs., (2.3kg) tension




Similar Part No. - SA45CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA45CA PANJIT-SA45CA Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA45CA WTE-SA45CA Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Fairchild Semiconductor
SA45CA FAIRCHILD-SA45CA Datasheet
56Kb / 5P
DEVICES FOR BIPOLAR APPLICATIONS
logo
Diodes Incorporated
SA45CA DIODES-SA45CA Datasheet
66Kb / 3P
500W TRANSIENT VOLTAGE SUPPRESSOR
DS21501 Rev. 10 - 2
logo
Micro Commercial Compon...
SA45CA MCC-SA45CA Datasheet
431Kb / 6P
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results


Similar Description - SA45CA

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
3KP PANJIT-3KP_07 Datasheet
90Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
3KP5.0A MDE-3KP5.0A Datasheet
62Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6SBMJ6.8CAPT CHENMKO-P6SBMJ6.8CAPT Datasheet
101Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
5KP5.0 CHENDA-5KP5.0_V01 Datasheet
685Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DONGGUAN YOU FENG WEI E...
30KP28A YFWDIODE-30KP28A Datasheet
421Kb / 4P
Glass Passivated Junction Transient Voltage Suppressor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com