Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOD4189 Datasheet (PDF) - Alpha & Omega Semiconductors

AOD4189 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOD4189
Download  AOD4189 Download
File Size   218.83 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description P-Channel Enhancement Mode Field Effect Transistor

AOD4189 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOD4189 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOD4189
Download  AOD4189 Click to download

File Size   218.83 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description P-Channel Enhancement Mode Field Effect Transistor

AOD4189 Datasheet (HTML) - Alpha & Omega Semiconductors


AOD4189 Product details

General Description
The AOD4189 uses advanced trench technology and design to provide excellent RDS(ON) with low gate charge. With the excellent thermal resistance of the DPAK package, this device is well suited for high current load applications.

Features
  VDS (V) = -40V
  ID = -40A (VGS = -10V)
  RDS(ON) < 22mΩ (VGS = -10V)
  RDS(ON) < 29mΩ (VGS = -4.5V)
​​​​​​​
  100% UIS Tested!
  100% Rg Tested!




Similar Part No. - AOD4189

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AOD4189 VBSEMI-AOD4189 Datasheet
1Mb / 9P
P-Channel 4 0 V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOD4189 ISC-AOD4189 Datasheet
309Kb / 2P
isc P-Channel MOSFET Transistor
logo
Guangdong Youtai Semico...
AOD4189 UMW-AOD4189 Datasheet
635Kb / 7P
P-Channel MOSFET
logo
EVER SEMICONDUCTOR CO.,...
AOD4189 EVVOSEMI-AOD4189 Datasheet
495Kb / 7P
P-Channel MOSFET
Rev:2023A2
logo
TECH PUBLIC Electronics...
AOD4189 TECHPUBLIC-AOD4189 Datasheet
2Mb / 4P
P-Channel Enhancement Mode Field Effect Transistor
More results


Similar Description - AOD4189

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com