Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEMD1000 Datasheet (PDF) - Vishay Siliconix

TEMD1000 Datasheet PDF - Vishay Siliconix
Part # TEMD1000
Download  TEMD1000 Download
File Size   77.86 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon PIN Photodiode

TEMD1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEMD1000 Datasheet PDF - Vishay Siliconix

Part # TEMD1000
Download  TEMD1000 Click to download

File Size   77.86 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon PIN Photodiode

TEMD1000 Datasheet (HTML) - Vishay Siliconix


TEMD1000 Product details

DESCRIPTION
TEMD1000 series are PIN photodiodes with high speed and high radiant sensitivity in black, surface-mount plastic packages with lens and daylight blocking filter. Filter bandwidth is matched with 870 nm to 950 nm IR emitters.

FEATURES
• Package type: surface-mount
• Package form: GW, RGW, yoke, axial
• Dimensions (L x W x H in mm): 2.5 x 2 x 2.7
• Radiant sensitive area (in mm2): 0.23
• High radiant sensitivity
• Daylight blocking filter matched with 870 nm to 950 nm emitters • Fast response times
• Angle of half sensitivity: ϕ = ± 15°
• Package matches with IR emitter series TSML1000
• Floor life: 168 h, MSL 3, according to J-STD-020
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912

APPLICATIONS
• High speed detector for infrared radiation
• Infrared remote control and free air data transmission systems, e.g. in combination with TSMLxxxx series IR emitters




Similar Part No. - TEMD1000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEMD1000 VISHAY-TEMD1000 Datasheet
238Kb / 8P
Silicon PIN Photodiode, RoHS Compliant
08-Sep-08
TEMD1000 VISHAY-TEMD1000 Datasheet
190Kb / 8P
Silicon PIN Photodiode, RoHS Compliant
09-Aug-11
TEMD1000 VISHAY-TEMD1000 Datasheet
192Kb / 8P
Silicon PIN Photodiode, RoHS-Compliant
04-Jun-2019
TEMD1000 VISHAY-TEMD1000 Datasheet
193Kb / 8P
Silicon PIN Photodiode, RoHS-Compliant
04-Jun-2019
TEMD1000 VISHAY-TEMD1000_08 Datasheet
238Kb / 8P
Silicon PIN Photodiode, RoHS Compliant
08-Sep-08
More results


Similar Description - TEMD1000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
Silicon PIN Photodiode
16-Nov-99
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
PIN SILICON PHOTODIODE
Dec-1998
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
Silicon PIN Photodiode
logo
OPTEK Technologies
OP906 OPTEK-OP906 Datasheet
500Kb / 2P
PIN Silicon Photodiode
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF_06 Datasheet
143Kb / 7P
Silicon PIN Photodiode
13-Nov-06
BPW24R VISHAY-BPW24R_08 Datasheet
144Kb / 5P
Silicon PIN Photodiode
11-Aug-08
BPW41N VISHAY-BPW41N_08 Datasheet
89Kb / 5P
Silicon PIN Photodiode
08-Sep-08
VBPW34S VISHAY-VBPW34S Datasheet
187Kb / 8P
Silicon PIN Photodiode
20-Apr-10
T330P VISHAY-T330P Datasheet
76Kb / 4P
Silicon PIN Photodiode
16-Jan-12
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
Silicon PIN Photodiode
09-Jan-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com