Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCZT8020 Datasheet (PDF) - Vishay Siliconix

TCZT8020 Datasheet PDF - Vishay Siliconix
Part # TCZT8020
Download  TCZT8020 Download
File Size   56.52 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Matchable Pairs - Emitter and Detector

TCZT8020 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCZT8020 Datasheet PDF - Vishay Siliconix

Part # TCZT8020
Download  TCZT8020 Click to download

File Size   56.52 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Matchable Pairs - Emitter and Detector

TCZT8020 Datasheet (HTML) - Vishay Siliconix


TCZT8020 Product details

DESCRIPTION
The TCST1103, TCST1202, and TCST1300 are transmissive sensors that include an infrared emitter and
phototransistor, located face-to-face on the optical axes in a leaded package which blocks visible light. These part numbers include options for aperture width.

FEATURES
• Package type: leaded
• Detector type: phototransistor
• Dimensions (L x W x H in mm): 11.9 x 6.3 x 10.8
• Gap (in mm): 3.1
• Typical output current under test: IC= 4 mA (TCST1103)
• Typical output current under test: IC= 2 mA (TCST1202)
• Typical output current under test: IC= 0.5 mA (TCST1300)
• Daylight blocking filter
• Emitter wavelength: 950 nm
• Lead (Pb)-free soldering released
• Compliant to RoHS directive 2002/95/EC and in accordance to WEEE 2002/96/EC

APPLICATIONS
• Optical switch
• Photo interrupter
• Counter
• Encoder




Similar Part No. - TCZT8020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCZT8020 VISHAY-TCZT8020 Datasheet
246Kb / 11P
Matched Pairs of Emitters and Detectors
15-Mar-11
TCZT8020-PAER VISHAY-TCZT8020-PAER Datasheet
263Kb / 11P
Reflective Optical Sensor with Transistor Output
17-Aug-09
TCZT8020-PAER VISHAY-TCZT8020-PAER Datasheet
317Kb / 13P
Subminiature Transmissive Optical Sensor with Transistor Output
14-Mar-13
TCZT8020 VISHAY-TCZT8020_06 Datasheet
103Kb / 7P
Matched Pairs of Emitters and Detectors
04-Sep-06
TCZT8020 VISHAY-TCZT8020_11 Datasheet
246Kb / 11P
Matched Pairs of Emitters and Detectors
15-Mar-11
More results


Similar Description - TCZT8020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCZS8100 VISHAY-TCZS8100 Datasheet
52Kb / 6P
Matchable Pairs - Emitter and Detector
20-Jul-99
TCZT8012 VISHAY-TCZT8012 Datasheet
57Kb / 7P
Matchable Pairs - Emitter and Detector
20-Jul-99
logo
Lite-On Technology Corp...
LTE-C1906R-14 LITEON-LTE-C1906R-14 Datasheet
767Kb / 9P
IR Emitter and Detector
LTE-C9306R-14 LITEON-LTE-C9306R-14 Datasheet
570Kb / 9P
IR Emitter and Detector
LTE-R38386-S LITEON-LTE-R38386-S Datasheet
541Kb / 7P
IR Emitter and Detector
LTE-R38386S-ZF LITEON-LTE-R38386S-ZF Datasheet
554Kb / 8P
IR Emitter and Detector
LTE-S9511NS LITEON-LTE-S9511NS Datasheet
456Kb / 8P
IR Emitter and Detector
LTE-S9511TS LITEON-LTE-S9511TS Datasheet
451Kb / 8P
IR Emitter and Detector
LTE-S9711-J LITEON-LTE-S9711-J Datasheet
480Kb / 8P
IR Emitter and Detector
LTE-C9306 LITEON-LTE-C9306 Datasheet
570Kb / 8P
IR Emitter and Detector
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com