Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC70 Datasheet (PDF) - TelCom Semiconductor, Inc

TC70 Datasheet PDF - TelCom Semiconductor, Inc
Part # TC70
Download  TC70 Download
File Size   89.93 Kbytes
Page   7 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description MICROMASTER - SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR, WATCHDOG AND BATTERY BACKUP

TC70 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC70 Datasheet PDF - TelCom Semiconductor, Inc

Part # TC70
Download  TC70 Click to download

File Size   89.93 Kbytes
Page   7 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description MICROMASTER - SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR, WATCHDOG AND BATTERY BACKUP

TC70 Datasheet (HTML) - TelCom Semiconductor, Inc


TC70 Product details

GENERAL DESCRIPTION
The TC70/71 is a fully-integrated power supply monitor, watchdog and battery backup circuit in a space-saving 8-pin package.
When power is initially applied, the TC70/71 holds the processor in its reset state for a minimum of 500msec after VCC is in tolerance to ensure stable system start-up. After start-up, processor sanity is monitored by the on-board watchdog circuit. The processor must provide periodic high-to-low level transitions to the TC70/71 to verify proper execution. Should the processor fail to supply this signal within the specified timeout period, an out-of-control processor is indicated and the TC70/71 issues a momentary processor reset as a result. The TC70 also features a watchdog disable pin to facilitate system test and debug.

FEATURES
■ Maximum Functional Integration: Precision Power
   Supply Monitor, Watchdog Timer, External RESET
   Override, Threshold Detector and Battery Backup
   Controller in an 8-Pin Package
■ Generates Power-on RESET and Guards Against
   Unstable Processor Operation Resulting from
   Power "Brown-out"
■ Automatically Halts and Restarts an Out-of
   Control Microprocessor
■ Output Can be Wire-ORed, or Hooked to Manual
   RESET Pushbutton Switch
■ Watchdog Disable Pin for Easier Prototyping (TC70)
■ Voltage Monitor for Power Fail or Low Battery
   Warning (TC71)
■ Available in 8-Pin Plastic DIP or 8-Pin SOIC Packages
■ Cost Effective

TYPICAL APPLICATIONS
■ All Microprocessor-based Systems
■ Test Equipment
■ Instrumentation
■ Set-Top Boxes




Similar Part No. - TC70

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TC70 CDE-TC70 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
TC704 ETC2-TC704 Datasheet
99Kb / 1P
Kocetal TC704 is Mineral reinforced grade for good dimensional stability.
logo
Allen-Bradley
TC708E ALLEN-BRADLEY-TC708E Datasheet
11Mb / 114P
IEC Contactor Specifications
2021
logo
Cornell Dubilier Electr...
TC70A CDE-TC70A Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
logo
France Joint
TC70X100X10 FRANCEJOINT-TC70X100X10 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
More results


Similar Description - TC70

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC32M TELCOM-TC32M Datasheet
57Kb / 4P
ECONOMONITOR - 3-PIN SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR AND WATCHDOG
logo
IMP, Inc
IMP690A IMP-IMP690A Datasheet
225Kb / 10P
關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
logo
Linear Technology
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
logo
Microchip Technology
TC32M MICROCHIP-TC32M Datasheet
450Kb / 12P
ECONOMONITOR?? 3-Pin System Supervisor with Power Supply Monitor and Watchdog
2002
logo
Alliance Semiconductor ...
ASM690 ALSC-ASM690 Datasheet
323Kb / 13P
UP Power Supply Supervisor With Battery Backup Switch
logo
Microchip Technology
TC32M MICROCHIP-TC32M_06 Datasheet
253Kb / 12P
ECONOMONITOR- 3-Pin System Supervisor with Power Supply Monitor and Watchdog
2006
logo
Linear Technology
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
PulseCore Semiconductor
ASM690A PULSECORE-ASM690A Datasheet
348Kb / 15P
關P Power Supply Supervisor With Battery Backup Switch
logo
Microchip Technology
TC32M MICROCHIP-TC32M_13 Datasheet
155Kb / 14P
ECONOMONITOR????3-Pin System Supervisor with Power Supply Monitor and Watchdog
11/27/12 2001-2012
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com