Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC04 Datasheet (PDF) - TelCom Semiconductor, Inc

TC04 Datasheet PDF - TelCom Semiconductor, Inc
Part # TC04
Download  TC04 Download
File Size   46.3 Kbytes
Page   4 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description LOW POWER, BANDGAP VOLTAGE REFERENCES

TC04 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC04 Datasheet PDF - TelCom Semiconductor, Inc

Part # TC04
Download  TC04 Click to download

File Size   46.3 Kbytes
Page   4 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description LOW POWER, BANDGAP VOLTAGE REFERENCES

TC04 Datasheet (HTML) - TelCom Semiconductor, Inc


TC04 Product details

GENERAL DESCRIPTION
The TC04 (1.25V output) and TC05 (2.5V output) bipolar, two-terminal, bandgap voltage references offer precision performance without premium price. These devices do not require thin-film resistors, greatly lowering manufacturing complexity and cost.

FEATURES
■ Temperature Coefficient ......................... 50ppm/°C
■ Wide Operating Current Range
    TC04 ............................................ 15µA to 20mA
    TC05 ............................................ 20µA to 20mA
■ Dynamic Impedance ............................................ 1Ω
■ Output Tolerance ........................................ Typ. 2%
■ Output Voltage Option
    TC04 ...........................................................1.25V
    TC05 .............................................................2.5V
■ TO-92 Plastic Package
■ 8-Pin Plastic Narrow Body SOIC Package

APPLICATIONS
■ ADC and DAC Reference
■ Current Source Generation
■ Threshold Detectors
■ Power Supplies
■ Multimeters




Similar Part No. - TC04

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0402A TAI-SAW-TC0402A Datasheet
263Kb / 6P
SAW Resonator 915.5 MHz SMD 3.8X3.8 mm
TC0403A TAI-SAW-TC0403A Datasheet
264Kb / 6P
SAW Resonator 915.75 MHz SMD 3.8X3.8 mm
TC0404A TAI-SAW-TC0404A Datasheet
262Kb / 6P
SAW Resonator 916 MHz SMD 3.8X3.8 mm
TC0408A TAI-SAW-TC0408A Datasheet
184Kb / 4P
SAW Resonator 315 MHz TO-39
TC0409A TAI-SAW-TC0409A Datasheet
184Kb / 4P
SAW Resonator 433.92 MHz TO-39
More results


Similar Description - TC04

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC9491A TELCOM-TC9491A Datasheet
45Kb / 3P
LOW POWER, BANDGAP VOLTAGE REFERENCES
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
Precision Low Power FGA??Voltage References
August 1, 2006
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
Precision Low Power FGA??Voltage References
June 4, 2007
ISL60002_0712 INTERSIL-ISL60002_0712 Datasheet
2Mb / 35P
Precision Low Power FGA??Voltage References
logo
Analog Microelectronics
AME40 AME-AME40_1 Datasheet
181Kb / 14P
Shunt Bandgap Voltage Reference
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
Shunt Bandgap Voltage Reference
AME385-2.5 AME-AME385-2.5_1 Datasheet
171Kb / 14P
Shunt Bandgap Voltage Reference
AME4041 AME-AME4041 Datasheet
91Kb / 9P
Shunt Bandgap Voltage Reference
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_10 Datasheet
2Mb / 36P
Precision Low Power FGA??Voltage References
December 16, 2010
logo
Renesas Technology Corp
ISL60002 RENESAS-ISL60002 Datasheet
2Mb / 40P
Precision Low Power FGA Voltage References
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com