Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC427 Datasheet (PDF) - Semtech Corporation

SC427 Datasheet PDF - Semtech Corporation
Part # SC427
Download  SC427 Download
File Size   546.49 Kbytes
Page   29 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 10A Integrated FET Regulator with Programmable LDO

SC427 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC427 Datasheet PDF - Semtech Corporation

Part # SC427
Download  SC427 Click to download

File Size   546.49 Kbytes
Page   29 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 10A Integrated FET Regulator with Programmable LDO

SC427 Datasheet (HTML) - Semtech Corporation


SC427 Product details

Description

The SC417/SC427 is a stand-alone synchronous buck power supply. It features integrated power MOSFETs, a bootstrap switch, and a programmable LDO in a space saving MLPQ-5x5mm 32-pin package. The device is highly efficient and uses minimal PCB area. It uses pseudo-fixed frequency adaptive on-time operation to provide fast transient response.



Features

Input voltage — 3V to 28V

Internal power MOSFETs — 10A

Integrated bootstrap switch

Smart power-save protection

Configurable 150mA LDO with bypass capability

TC compensated R

DS(ON) sensed current limit

Pseudo-fixed frequency adaptive on-time control

Designed for use with ceramic capacitors

Programmable VIN UVLO threshold

Independent enable for switcher and LDO

Selectable ultra-sonic power-save (SC417)

Selectable power-save (SC427)

Internal soft-start and soft-shutdown at output

Internal reference — 1% tolerance

Over-voltage/under-voltage fault protection

Power good output

Lead-free 5x5mm, 32 Pin MLPQ package

Fully WEEE and RoHS compliant



Applications

Notebook, desktop, tablet, and server computers

Networking and telecommunication equipment

Printers, DSL, and STB applications

Embedded applications

Power supply modules

Point of load power supplies



 




Similar Part No. - SC427

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC427 SEMTECH-SC427 Datasheet
595Kb / 30P
10A Integrated FET Regulator with Programmable LDO
logo
Infinite Electronics In...
SC4272 FAIRVIEW-SC4272 Datasheet
536Kb / 3P
TNC Male (Plug) Connector For 0.240 inch, LMR-240, LMR-240-DB, LMR-240-UF, RG8X, B7808A Cable, Crimp/Crimp
REV 2.2A
logo
Semtech Corporation
SC427EVB SEMTECH-SC427EVB Datasheet
595Kb / 30P
10A Integrated FET Regulator with Programmable LDO
SC427MLTRT SEMTECH-SC427MLTRT Datasheet
595Kb / 30P
10A Integrated FET Regulator with Programmable LDO
More results


Similar Description - SC427

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7602 TI-PT7602 Datasheet
162Kb / 3P
3.3V INPUT 10A PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
logo
Semtech Corporation
SC403 SEMTECH-SC403 Datasheet
715Kb / 32P
6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
SC414 SEMTECH-SC414 Datasheet
506Kb / 29P
6A Integrated FET Regulator with 5V LDO
SC417 SEMTECH-SC417_09 Datasheet
595Kb / 30P
10A Integrated FET Regulator with Programmable LDO
SC401B SEMTECH-SC401B Datasheet
1Mb / 32P
15A Integrated FET Regulator with Programmable LDO
SC402B SEMTECH-SC402B Datasheet
1Mb / 32P
10A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
SC403B SEMTECH-SC403B Datasheet
846Kb / 32P
6A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
SC9301 SEMTECH-SC9301 Datasheet
1Mb / 29P
10A EcoSpeed짰 Integrated FET Regulator with 5V LDO and Hiccup Restart
logo
Vishay Siliconix
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
27-Aug-12
SIC417 VISHAY-SIC417_13 Datasheet
928Kb / 21P
10-A, 28-V Integrated Buck Regulator with Programmable LDO
14-Jun-10
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com