Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EB43K49 Datasheet (PDF) - Vishay Siliconix

EB43K49 Datasheet PDF - Vishay Siliconix
Part # EB43K49
Download  EB43K49 Download
File Size   158.89 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals

EB43K49 Datasheet (PDF)

Go To PDF Page Download Datasheet
EB43K49 Datasheet PDF - Vishay Siliconix

Part # EB43K49
Download  EB43K49 Click to download

File Size   158.89 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals

EB43K49 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - EB43K49

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB43K10SGX15 VISHAY-EB43K10SGX15 Datasheet
166Kb / 4P
Edgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
EB43K12SGX15 VISHAY-EB43K12SGX15 Datasheet
166Kb / 4P
Edgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
EB43K15SGX15 VISHAY-EB43K15SGX15 Datasheet
166Kb / 4P
Edgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
EB43K6SGX15 VISHAY-EB43K6SGX15 Datasheet
166Kb / 4P
Edgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
More results


Similar Description - EB43K49

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB6 VISHAY-EB6 Datasheet
148Kb / 4P
Edgeboard Connectors, Dual Readout, 0.125" [3.17mm] C-C, Standard and Right Angle Terminals
14-Aug-02
EB7D VISHAY-EB7D Datasheet
178Kb / 4P
Edgeboard Connectors, Dual Readout
14-Aug-02
EB8 VISHAY-EB8 Datasheet
156Kb / 4P
Edgeboard Connectors, Dual Readout
14-Aug-02
EB4678 VISHAY-EB4678 Datasheet
202Kb / 8P
Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
14-Aug-02
EB4 VISHAY-EB4_09 Datasheet
166Kb / 4P
Edgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
EB6 VISHAY-EB6_09 Datasheet
188Kb / 4P
Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
EB7D VISHAY-EB7D_09 Datasheet
138Kb / 4P
Edgeboard Connectors, Dual Readout
16-Feb-09
EB8 VISHAY-EB8_09 Datasheet
124Kb / 4P
Edgeboard Connectors, Dual Readout
16-Feb-09
EB4 VISHAY-EB4_V01 Datasheet
171Kb / 4P
Edgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
EB6 VISHAY-EB6_V01 Datasheet
194Kb / 4P
Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com