Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG403B Datasheet (PDF) - Vishay Siliconix

DG403B Datasheet PDF - Vishay Siliconix
Part # DG403B
Download  DG403B Download
File Size   142.24 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Power, High-Speed CMOS Analog Switches

DG403B Datasheet (PDF)

Go To PDF Page Download Datasheet
DG403B Datasheet PDF - Vishay Siliconix

Part # DG403B
Download  DG403B Click to download

File Size   142.24 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Power, High-Speed CMOS Analog Switches

DG403B Datasheet (HTML) - Vishay Siliconix


DG403B Product details

DESCRIPTION

The DG401B, DG403B, DG405B monolithic analog switches are replacements for the popular DG401/403/405 analog switches and provide improved performance, combining high speed (tON: 100 ns, typ) with low power consumption make the DG401B series ideal for portable and battery

powered applications.



FEATURES

• 44 V supply max rating

• ± 15 V analog signal range

• On-resistance - RDS(on): 23 

• Low leakage - ID(on): 40 pA

• Fast switching - tON: 100 ns

• Upgrade to DG401B, DG403B, DG405B

• TTL, CMOS compatible

• Single supply capability



BENEFITS

• Wide dynamic range

• Break-before-make switching action(DG403B only)

• Simple interfacing



APPLICATIONS

• Audio and video switching

• Sample-and-hold circuits

• Test equipment

• PBX, PABX




Similar Part No. - DG403B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG403B VISHAY-DG403B Datasheet
172Kb / 14P
Low-Power, High-Speed CMOS Analog Switches
07-Feb-11
DG403B VISHAY-DG403B Datasheet
178Kb / 14P
Low-Power, High-Speed CMOS Analog Switches
07-Feb-11
DG403BDJ VISHAY-DG403BDJ Datasheet
172Kb / 14P
Low-Power, High-Speed CMOS Analog Switches
07-Feb-11
DG403BDJ-E3 VISHAY-DG403BDJ-E3 Datasheet
172Kb / 14P
Low-Power, High-Speed CMOS Analog Switches
07-Feb-11
DG403BDY VISHAY-DG403BDY Datasheet
172Kb / 14P
Low-Power, High-Speed CMOS Analog Switches
07-Feb-11
More results


Similar Description - DG403B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG401 TEMIC-DG401 Datasheet
170Kb / 10P
Low-Power, High-Speed CMOS Analog Switches
logo
Vishay Siliconix
DG401 VISHAY-DG401 Datasheet
195Kb / 12P
Low-Power, High-Speed CMOS Analog Switches
11-Jun-07
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
High-Speed, Low-Glitch D/CMOS Analog Switches
11-Jun-07
DG401 VISHAY-DG401_09 Datasheet
262Kb / 17P
Low-Power, High-Speed CMOS Analog Switches
30-Nov-09
DG401B VISHAY-DG401B_11 Datasheet
172Kb / 14P
Low-Power, High-Speed CMOS Analog Switches
07-Feb-11
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
logo
Vishay Siliconix
DG611 VISHAY-DG611_V01 Datasheet
187Kb / 15P
High-Speed, Low-Glitch D/CMOS Analog Switches
31-Jan-11
DG401B VISHAY-DG401B_V01 Datasheet
178Kb / 14P
Low-Power, High-Speed CMOS Analog Switches
07-Feb-11
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
Low-Power, High-Speed CMOS Analog Switches
30-Nov-09
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com