Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37160MF Datasheet (PDF) - Renesas Technology Corp

M37160MF Datasheet PDF - Renesas Technology Corp
Part # M37160MF
Download  M37160MF Download
File Size   1012.83 Kbytes
Page   131 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER

M37160MF Datasheet (PDF)

Go To PDF Page Download Datasheet
M37160MF Datasheet PDF - Renesas Technology Corp

Part # M37160MF
Download  M37160MF Click to download

File Size   1012.83 Kbytes
Page   131 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER

M37160MF Datasheet (HTML) - Renesas Technology Corp


M37160MF Product details

DESCRIPTION
The M37160M8/MA/MF-XXXSP/FP and M37160EFSP/FP are single chip microcomputers designed with CMOS silicon gate technology. They have an OSD and I2C-BUS interface, making them perfect for a channel selection system for TV. The M37160EFSP/FP has a built-in PROM that can be written electrically.

FEATURES
●Number of basic instructions .................................................... 71
●Memory size
   ROM ............ 32K bytes (M37160M8-XXXSP/FP)
                   40K bytes (M37160MA-XXXSP/FP)
                   60K bytes (M37160MF-XXXSP/FP, M37160EFSP/FP)
    RAM .......... 1152 bytes (M37160M8-XXXSP/FP)
                   1472bytes (M37160MA/MF-XXXSP/FP, M37160EFSP/FP)
                   (*ROM correction memory included)
●Minimum instruction execution time ................................ 0.451 µs (at 4.43 MHz oscillation frequency)
●Power source voltage ................................................. 5 V ± 10 %
●Subroutine nesting ............................................. 128 levels (Max.)
●Interrupts ....................................................... 16 types, 15 vectors
●8-bit timers .................................................................................. 6
●Programmable I/O ports (Ports P0, P1, P2, P30, P31) ............. 25
●Input ports (Ports P35-P37,P50,P51) .......................................... 5
●Output ports (Ports P52-P55) ..................................................... 4
●Serial I/O ............................................................ 8-bit ✕1 channel
●Multi-master I2C-BUS interface .............................. 1 (3 systems)
●A-D comparator (7-bit resolution) ................................ 8 channels
●PWM output circuit ........................................ 14-bit ✕1, 8-bit ✕5
●Power dissipation
   In high-speed mode ......................................................... 165 mW (at VCC= 5.5V, FSCIN = 4.43 MHz, OSD on)
   In low-speed mode ......................................................... 0.33 mW (at VCC= 5.5V, 32 kHz oscillation frequency)
●ROM correction function ................................................ 2 vectors

APPLICATION
TV




Similar Part No. - M37160MF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37160M8 RENESAS-M37160M8_15 Datasheet
1,009Kb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results


Similar Description - M37160MF

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com