Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STV0196 Datasheet (PDF) - STMicroelectronics

STV0196 Datasheet PDF - STMicroelectronics
Part # STV0196
Download  STV0196 Download
File Size   236.38 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QPSK/BPSK DEMODULATOR AND FEC IC

STV0196 Datasheet (PDF)

Go To PDF Page Download Datasheet
STV0196 Datasheet PDF - STMicroelectronics

Part # STV0196
Download  STV0196 Click to download

File Size   236.38 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QPSK/BPSK DEMODULATOR AND FEC IC

STV0196 Datasheet (HTML) - STMicroelectronics


STV0196 Product details

DESCRIPTION

Designed for the fast growing direct broadcast satellite (DBS) digital TV receiver market, the SGS-THOMSON STV0196B Digital Satellite Receiver Front-end integrates all the functions needed to demodulate incoming digital satellite TV signals from the tuner : Nyquistfilters, QPSK/BPSK demodulator, signal power estimator, automatic gain control, Viterbi decoder, deinterleaver, ReedSolomon decoder and energy dispersal descrambler. This high level of integration greatly reduces the package count and cost of a set top box.



FRONT-END INTERFACE

.I AND Q 6 BITS DIGITAL INPUTS AT 2Fs

.QPSK DEMODULATION (Two Modes : A and B)

.INPUT SYMBOL FREQUENCY (Fs) UP TO 30MSYMBOLS/S

.DIGITAL NYQUIST ROOT FILTER : ROLL-OFF VALUE OF 0.35 IN MODE A

.DIGITAL CARRIER LOOP :

- ON-CHIP DEROTATOR AND TRACKING LOOP

- CARRIER OFFSET INDICATOR

- LOCK DETECTOR

- C/N INDICATOR FOR DISH POSITIONING .DIGITAL TIMING RECOVERY :

- INTERNAL TIMING ERROR EVALUATION AND FILTER

- OUTPUT CONTROL SIGNAL FOR A 2Fs EXTERNAL VCO OR VCXO .DIGITAL AGC :

- INTERNAL SIGNAL POWER ESTIMATION AND FILTER

- OUTPUT CONTROL SIGNAL FOR AGC (1 BIT PULSE DENSITY MODULATION)



FORWARD ERROR CORRECTION

.INNER DECODER :

- VITERBI SOFT DECODER FOR CONVOLUTIONAL CODES, CONSTRAINT LENGTH M = 7, RATE 1/2

- PUNCTURED CODES 1/2, 2/3, 3/4, 5/6 AND 7/8 IN MODE A

- AUTOMATIC OR MANUAL RATE AND PHASE RECOGNITION

.DEINTERLEAVER :

- WORD SYNCHRO EXTRACTION

- CONVOLUTIVE DEINTERLEAVER

.OUTER DECODER :

- IN MODE A : REED-SOLOMON DECODER FOR 16 PARITY BYTES ; CORRECTION OF UP TO 8 BYTE ERRORS

- BLOCK LENGTHS : 204 IN MODE A

- ENERGY DISPERSAL DESCRAMBLER CONTROL

.I2C SERIAL BUS




Similar Part No. - STV0196

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0190 STMICROELECTRONICS-STV0190 Datasheet
68Kb / 7P
DUAL 40 MSPS 6-BIT ANALOG TO DIGITAL CONVERTER
May-1996
More results


Similar Description - STV0196

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC92303 MOTOROLA-MC92303 Datasheet
33Kb / 3P
QPSK/BPSK DIGITAL DEMODULATOR
logo
STMicroelectronics
STV0299B STMICROELECTRONICS-STV0299B Datasheet
242Kb / 36P
QPSK/BPSK LINK IC
May-2000
TDA8205 STMICROELECTRONICS-TDA8205 Datasheet
163Kb / 8P
NICAM QPSK DEMODULATOR
Oct-1993
logo
Sony Corporation
CXD1961AQ SONY-CXD1961AQ Datasheet
294Kb / 33P
DVB-S Frontend IC (QPSK demodulation FEC)
CXD1961Q SONY-CXD1961Q Datasheet
217Kb / 15P
DVB-S Front-end IC (QPSK demodulator FEC)
logo
Intersil Corporation
HSP50306 INTERSIL-HSP50306 Datasheet
37Kb / 8P
Digital QPSK Demodulator
1998 02
logo
Siemens Semiconductor G...
SDA6310 SIEMENS-SDA6310 Datasheet
568Kb / 19P
DSR QPSK-Demodulator
logo
Synaptics Incorporated.
CX24123 CONEXANT-CX24123 Datasheet
139Kb / 2P
Demodulator and FEC Decoder Low-power QPSK demodulator for worldwide satellite set-top box applications
CX24130 CONEXANT-CX24130 Datasheet
209Kb / 2P
Dual Stream QPSK/BPSK Demodulator lC
logo
Renesas Technology Corp
HSP50306 RENESAS-HSP50306 Datasheet
434Kb / 8P
Digital QPSK Demodulator
Jul 2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com